Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 18 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button CS5307 Datasheet HTML 14Page - ON Semiconductor CS5307 Datasheet HTML 15Page - ON Semiconductor CS5307 Datasheet HTML 16Page - ON Semiconductor CS5307 Datasheet HTML 17Page - ON Semiconductor CS5307 Datasheet HTML 18Page - ON Semiconductor CS5307 Datasheet HTML 19Page - ON Semiconductor CS5307 Datasheet HTML 20Page - ON Semiconductor CS5307 Datasheet HTML 21Page - ON Semiconductor CS5307 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CS5307
http://onsemi.com
18
+
+
Vi
12 V
Li
TBD
NCi × Ci
ESRCi/NCi
Q2
Q1
Lo
ESRCo/NCo
14 u(t)
NCo × Co
Vi(t = 0) = 12 V
SWNODE
Vo(t = 0) = 1.5 V
VCi
ILo
VOUT
ILi
MAX dI/dt occurs in
first few PWM cycles.
Figure 22. Calculating the Input Inductance
+
−
4. Input Inductor Selection
The use of an inductor between the input capacitors and
the power source will accomplish two objectives. First, it
will isolate the voltage source and the system from the noise
generated in the switching supply. Second, it will limit the
inrush current into the input capacitors at power up. Large
inrush currents reduce the expected life of the input
capacitors. The inductor’s limiting effect on the input
current slew rate becomes increasingly beneficial during
load transients.
The worst case input current slew rate will occur during
the first few PWM cycles immediately after a step−load
change is applied as shown in Figure 22. When the load is
applied, the output voltage is pulled down very quickly.
Current through the output inductors will not change
instantaneously, so the initial transient load current must be
conducted by the output capacitors. The output voltage will
step downward depending on the magnitude of the output
current (IO,MAX), the per capacitor ESR of the output
capacitors (ESROUT) and the number of the output
capacitors (NOUT) as shown in Figure 22. Assuming the load
current is shared equally between the four phases, the output
voltage at full transient load will be:
VOUT,FULL−LOAD +
(14)
VOUT,NO−LOAD * (IO,MAX 4) @ ESROUT NOUT
When the control MOSFET (Q1 in Figure 22) turns ON,
the input voltage will be applied to the opposite terminal of
the output inductor (the SWNODE). At that instant, the
voltage across the output inductor can be calculated as:
DVLo + VIN * VOUT,FULL−LOAD
(15)
+ VIN * VOUT,NO−LOAD
) (IO,MAX 4) @ ESROUT NOUT
The differential voltage across the output inductor will
cause its current to increase linearly with time. The slew rate
of this current can be calculated from:
dILo dt + DVLo Lo
(16)
Current changes slowly in the input inductor so the input
capacitors must initially deliver the vast majority of the
input current. The amount of voltage drop across the input
capacitors (ΔVCi) is determined by the number of input
capacitors (NIN), their per capacitor ESR (ESRIN) and the
current in the output inductor according to:
DVCi + ESRIN NIN @ dILo dt @ tON
+ ESRIN NIN @ dILo dt @ D fSW
(17)
Before the load is applied, the voltage across the input
inductor (VLi) is very small and the input capacitors charge
to the input voltage VIN. After the load is applied, the voltage
drop across the input capacitors, ΔVCi, appears across the
input inductor as well. Knowing this, the minimum value of
the input inductor can be calculated from:
LiMIN + VLi dIIN dtMAX
+ DVCi dIIN dtMAX
(18)
dIIN/dtMAX is the maximum allowable input current slew
rate.
The input inductance value calculated from Equation 18
is relatively conservative. It assumes the supply voltage is
very “stiff” and does not account for any parasitic elements
that will limit dI/dt such as stray inductance. Also, the ESR
values of the capacitors specified by the manufacturer’s data
sheets are worst case high limits. In reality, input voltage
“sag,” lower capacitor ESRs and stray inductance will help
reduce the slew rate of the input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com