Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5307 Datasheet HTML 1Page - ON Semiconductor CS5307 Datasheet HTML 2Page - ON Semiconductor CS5307 Datasheet HTML 3Page - ON Semiconductor CS5307 Datasheet HTML 4Page - ON Semiconductor CS5307 Datasheet HTML 5Page - ON Semiconductor CS5307 Datasheet HTML 6Page - ON Semiconductor CS5307 Datasheet HTML 7Page - ON Semiconductor CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CS5307
http://onsemi.com
2
GND
GATE1
GATE2
GATE3
PWRGDS
VCC
VID0
VID1
VID2
VID3
VID4
PWRGD
OCSET
ROSC
CS1
CS2
CS3
CSREF
SS
COMP
VDRP
VFB
PWRGD
VID4
VID3
VID2
VID1
VID0
VOUT
+12 V
Figure 1. Application Diagram, 12 V to 1.5 V/80 A Four−Phase Converter
CS4
GATE4
NCP5351
NCP5351
NCP5351
NCP5351
GND
6.2 V
5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com