Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5307 Datasheet HTML 1Page - ON Semiconductor CS5307 Datasheet HTML 2Page - ON Semiconductor CS5307 Datasheet HTML 3Page - ON Semiconductor CS5307 Datasheet HTML 4Page - ON Semiconductor CS5307 Datasheet HTML 5Page - ON Semiconductor CS5307 Datasheet HTML 6Page - ON Semiconductor CS5307 Datasheet HTML 7Page - ON Semiconductor CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 9
1
Publication Order Number:
CS5307/D
CS5307
Four−Phase VRM 9.0
Buck Controller
Multiphase controllers provide fast, accurate regulation with the
control features required to power the next generation of processors in
desktop, workstation and server applications. Combined with external
gate drivers and power components, the CS5307 implements a
compact, highly integrated buck converter. Enhanced V2™ control
inherently compensates for variations in both line and load. Current
sharing between phases is achieved by Peak Current Sharing.
The CS5307 includes Power Good with a programmable lower
threshold.
Applications include Embedded Processor Power and low
voltage/high current power supplies.
Features
• Switching Regulator Controller
− Lossless Current Sensing
− Enhanced V2 Control Method Provides Excellent Regulation
and Fast Transient Response
− Programmable 200 to 800 kHz Switching Frequency (Per Phase)
− Duty Cycle − 0% to 100%
− Programmable Adaptive Voltage Positioning Reduces Output
Capacitor Requirements
− Programmable Soft Start
• Accurate Current Sharing
• Protection Features
− Pulse−by−Pulse Current Limit for Each Phase
− Programmable Hiccup Overcurrent Protection
− All “1” DAC Code Fault
− Processor Overvoltage Protection through Bottom MOSFETs
− Undervoltage Lockout
• System Power Management
− 5−Bit DAC With 1.0% Tolerance Compatible with VRM 9.0
− Power Good Output
− Programmable Power Good Lower Threshold
− Guaranteed Startup at −20°C
PIN CONNECTIONS
MARKING DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
SO−24L
DW SUFFIX
CASE 751E
1
24
1
CS5307
AWLYYWW
24
VID1
CSREF
VID0
CS4
PWRGDS
CS3
GATE4
CS2
GATE3
CS1
GATE2
ROSC
GATE1
OCSET
VCC
GND
VID2
VDRP
VID3
VFB
124
PWRGD
SS
VID4
COMP
Device
Package
Shipping
ORDERING INFORMATION
CS5307GDW24
SO−24L
30 Units/Rail
CS5307GDWR24
SO−24L
1000 Tape & Reel
http://onsemi.com


Similar Part No. - CS5307

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5307

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9224C ETC1-RT9224C Datasheet
208Kb / 8P
VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
ON Semiconductor
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
logo
Maxim Integrated Produc...
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
ON Semiconductor
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com