Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button PLUTO Datasheet HTML 4Page - Mitel Networks Corporation PLUTO Datasheet HTML 5Page - Mitel Networks Corporation PLUTO Datasheet HTML 6Page - Mitel Networks Corporation PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation PLUTO Datasheet HTML 10Page - Mitel Networks Corporation PLUTO Datasheet HTML 11Page - Mitel Networks Corporation PLUTO Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
PLUTO
PROGRAMMING and CONTROL
The control modes for Pluto can be set via external pins or via a 3 wire serial interface. On initialising Pluto control is from
external pins but can then be set for programming from the serial interface by setting the appropriate bit in a serial input word.
The Rx second LO synthesiser is programmed via the serial interface: the Tx IF synthesiser is fixed and requires no programming.
SLEEPB
FMB
IDLEB
Mode
(Pin 9)
(Pin 7)
(Pin 5)
0
X
X
Sleep Mode
1
0
0
FM Receive only
1
0
1
FM Receive and Transmit
1
1
0
CDMA Receive only
1
1
1
CDMA Receive and Transmit
Mode Control - External
The control modes are set by the pins SLEEPB, FMB and IDLEB as shown in the table below:
Aux ADC Selection - External
The auxiliary analog to digital converters can be selected via pins S0 and S1 as shown in the table below:
S1
S0
ADC
(Pin 39)
(Pin 33)
selected
0
0
ADC<0>
0
0
ADC<1>
1
0
ADC<2>
1
1
ADC<3>
ADC selection can also be programmed to be via serial interface if required
Serial Interface
The 3 wire serial interface (SDATA, SCLK and SLATCH) is programmed using 24 bit words as shown below. Timing
details are shown in Figure 8.
MSB
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
WORD1
00000
X
X
RXC
RXDIV<13:0>
0
0
WORD2
SOP FMB IDB SLB
000000
AD1 AD0 TST
00000
MXS CTB
0001
X
unused
RXC
RX Synth comparison frequency :0 = 30kHz, 1 = 5kHZ
RXDIV<13:0>
RX Synth divider ratio
SOP
External/ Serial mode selection: 0 = Ext, 1 = Serial
SLB, IDB, FMB
Sleep, Idle and FM mode control bits (serial mode)
TST
Test Mode Control - This is for test purposes only and should be set to 0
AD1, AD0
Aux ADC select bits (serial mode)
MXS
External / Serial Aux ADC select: 0 = Ext
CTB
Enable Rx Calibration: 0 = calibration mode
If SOP is high mode control is via serial bits FMB, IDB and SLB, instead of external pins FMB, IDLEB and SLEEPB.
If MXS is high then ADC selection is via AD1, AD0 instead of S<1>, S<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com