Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button PLUTO Datasheet HTML 5Page - Mitel Networks Corporation PLUTO Datasheet HTML 6Page - Mitel Networks Corporation PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation PLUTO Datasheet HTML 10Page - Mitel Networks Corporation PLUTO Datasheet HTML 11Page - Mitel Networks Corporation PLUTO Datasheet HTML 12Page - Mitel Networks Corporation PLUTO Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
PLUTO
INITIALISATION
Transmit
On power-up or reset (RESETB) the Tx reconstruction
filters are tuned to give the specified cut-off frequency. This
calibration is internal and requires no external input. The
calibration time is 1ms.
Receive
On power-up or reset (RESETB) an autocalibration algo-
rithm is started which can be used to tune the programmable
filters in Jupiter. (Jupiter is a programmable active filter de-
signed for use in dual mode CDMA/AMPS system -further
details of which can be found in the Jupiter Datasheet). The
autocalibration is also initiated when Pluto is switched into
CDMA mode via FMB control.
When Pluto enters calibration mode the En Test (pin 68)
goes high. A test signal at 364kHz is then generated at the
Vtest output (pin 67). This signal is input to Jupiter which
provides a response which is digitised by the I and Q Rx ADCs.
An output DAC - BAL - (Pin 71) then tunes the Q channel to
match the I and Q channel amplitude via a successive approxi-
mation routine. The test signal is then switched to 728kHz
which is above the required cut off of the filter. DAC outputs,
FC_I and FC_Q are then adjusted to tune the I and Q filters to
the correct amplitude with reference to the in band test signal.
The filter cut off is tuned to 690kHz. Oversampling in the Rx
ADC's ensures sufficient accuracy for the calibration. This
calibration routine takes 26ms and after completion En Test
goes low and the test signal Vtest is disabled. Only the CDMA
filter is tuned, the matching within Jupiter ensures that the FM
(AMPS) filter performance meets specification.
0
-0.8
-4
Relative
Amplitude
(dB)
-5.8
1k
630k
1.25M
10M
Frequency (Hz)
CDMA TX FILTER RESPONSE
0
-0.6
Relative
Amplitude
(dB)
-3.0
10k
29k
100k
Frequency (Hz)
FM TX FILTER RESPONSE
Figure 9 Baseband RX interface circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com