Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 3 Page - Mitel Networks Corporation

  PLUTO Datasheet HTML 1Page - Mitel Networks Corporation PLUTO Datasheet HTML 2Page - Mitel Networks Corporation PLUTO Datasheet HTML 3Page - Mitel Networks Corporation PLUTO Datasheet HTML 4Page - Mitel Networks Corporation PLUTO Datasheet HTML 5Page - Mitel Networks Corporation PLUTO Datasheet HTML 6Page - Mitel Networks Corporation PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
PLUTO
PIN DESCRIPTION (continued)
No
Pin Name
Type
A/D
Description
55
RXQP
Input
Analog
Receive Q Channel Input (+ve)
56
RXQM
Input
Analog
Receive Q Channel Input (-ve)
57
SUB
Ground
Substrate - Ground
58
RXIP
Input
Analog
Receive Q channel input (+ve)
59
RXIM
Input
Analog
Receive Q channel Input (-ve)
60
VDD
Power
Power Supply
61
GND
Ground
Ground
62
VREF<0>
Input/Output
Analog
CDMA Receive Circuit Voltage Reference De-Coupling
63
AD<0>
Input
Analog
AUX ADC Input
64
AD<1>
Input
Analog
AUX ADC Input
65
AD<2>
Input
Analog
AUX ADC Input
66
AD<3>
Input
Analog
AUX ADC Input
67
Vtest
Output
Digital
RX Filter tuning tone output - pulled low when inactive
68
EnTest
Output
Digital
RX Filter tuning mode control output - pulled low when inactive
69
FC_Q
Output
Analog
RX Filter Q channel FC control
70
FC_I
Output
Analog
RX Filter channel FC control
71
BAL
Output
Analog
RX Filter Gain Balance Control
72
VDD
Power
Power Supply
73
GND
Ground
Ground
74
TXIP
Output
Analog
Transmit Circuit channel Complementary Output (+ve)
75
TXIM
Output
Analog
Transmit Circuit I channel Complementary Output (-ve)
76
SUB
Ground
Substrate - Ground
77
TXQP
Output
Analog
Transmit Circuit Q channel Complementary Output (+ve)
78
TXQM
Output
Analog
Transmit Circuit Q channel Complementary Output (-ve)
79
FMTX
Output
Analog
Transmit Circuit FM output
80
VREF<1>
Input/Output
Analog
Transmit Circuit Voltage Reference De-coupling
FUNCTIONAL DESCRIPTION
Baseband TX interface circuit
The Pluto baseband transmit circuit acts as an interface
between the baseband signal processor and the RF/IF sections
in a CDMA/AMPS compatible mobile telephone.
The TX circuit has two modes of operation :
CDMA mode, transmit data that has previously been encoded
by the baseband digital signal processor is converted to
equivalent analog signals by matched digital-to-analog
converters, these signals are then filtered to remove the image
of the sample clock that would otherwise be present at the
output before being output to the I and Q modulator as
differential signals.
FM mode, transmit data is treated in much the same way as
in CDMA mode except that only one DAC is used and (because
of the much lower bandwidth of AMPS signals) a different
reconstruction filter is used before the analog fm signal is output
to the mixer as a single ended signal.
CDMA Transmit Signal Path
CDMA TX DACs
In CDMA mode two matched 8-bit DACs are used to
generate the in-phase and quadrature signals, the input
data for the DACs is obtained by multiplexing over an 8-bit
parallel input port (TXD<7:0>). The transmit data rate is
twice as fast as the differential transmit clock (TXCLK).
Incoming data that is valid during the rising edge of the
transmit clock is loaded into in In-Phase DAC & incoming
data that is valid on the falling edge of the transmit clock is
loaded into the Quadrature DAC - I and Q values must be
modified in the digital baseband chip to account for the half-
cycle delay between them.
CDMA Analog Reconstruction Filters
The frequency spectrum at the output of the transmit
DACs contains unwanted frequency components.
Reconstruction filters are used to smooth the DAC output
signals, providing continuous time output signals at the I and
Q output pins thereby removing these undesirable signals.
The low pass filters used are 5th order Butterworth,
continuous time filters with a nominal cut-off frequency of 1.2
MHz. These filters are designed to have a linear phase
response in the pass band. On-chip reconstruction filters
minimise the phase and amplitude mismatch between I and
Q channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com