Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 1 Page - Mitel Networks Corporation

  PLUTO Datasheet HTML 1Page - Mitel Networks Corporation PLUTO Datasheet HTML 2Page - Mitel Networks Corporation PLUTO Datasheet HTML 3Page - Mitel Networks Corporation PLUTO Datasheet HTML 4Page - Mitel Networks Corporation PLUTO Datasheet HTML 5Page - Mitel Networks Corporation PLUTO Datasheet HTML 6Page - Mitel Networks Corporation PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
The PLUTO baseband interface circuit is designed for use
in dual mode CDMA/AMPS digital cellular telephones. In the
telephone, Pluto provides the interface between the radio (RF
& IF) components and the baseband digital signal processor.
Pluto is part of a complete chipset solution for CDMA phones
entitled the Planet chipset.
The receive (RX) section converts the analog in-phase and
quadrature (I & Q) signals into equivalent digital signals whilst
the transmit (TX) circuits perform the complementary function
of translating digital baseband information into the analog
equivalent signals required for the modulator in the radio
circuits. VHF PLLS are also included for second RXLO and
TXIF generation.
PLUTO also contains a 4 channel general purpose ADC
which is included for such purposes as environmental and
signal strength monitoring.
MP28
Figure 1 Pin connections - top view
FEATURES
s Dual mode AMPS/CDMA compatible
s Low Power/Low Voltage operation
s Standard baseband I and Q interface
s 4 Input Auxiliary ADC
s Synthesisers
ABSOLUTE MAXIMUM RATINGS
Supply voltage
-0.3 to 3.9V
Voltage applied to any other pin
-0.3 to Vcc+0.3V
Operating junction temperature
150
°C
Storage temperature
-55
°C to 150°C
ESD (human body model)
2kV
ORDERING INFORMATION
PLUTO/KG/GP1R
GP80
APPLICATIONS
s Dual Mode CDMA/AMPs digital cellular
telephones
Figure 2 Block diagram
PLUTO
Dual Mode CDMA/AMPS Baseband Interface
Advance Information
DS4722 - 1.8 July 1998
PIN 80
PIN 1 IDENT
PIN 1
RX
SYNTH
/4
1025
512
19.68MHz
BUFFER
8-BIT
DAC
8-BIT
DAC
tx calibration and control
TX
SYNTH
8-BIT
DAC
8-BIT
DAC
8-BIT
ADC
6-BIT
ADC
8-BIT
DAC
6-BIT
ADC
8-BIT
ADC
8-BIT
ADC
ANALOG
MULTIPLEXER
rx calibration and control
FM_MOD
TXQ,TXQ-
TXI,TXI-
TXIF
PD_TX
RXIF
PD_RX
FC_I
I+,I-
BAL
Q+,Q-
FC_Q
ADC<3>
ADC<2>
ADC<1>
ADC<0>
S<0>
S<1>
VDD
GND
SUB
FM/
SLEEP/
IDLE/
RESET/
ADCENA
ADCCLK
ADCDATA
RXQD<3:0>
RXID<3:0>
RXQFMDATA
RXIFMDATA
TXD<7:0>
TXCLK
TCXO
CHIPx8
TCXO/4
SDATA
SCLOCK
SLATCH


Similar Part No. - PLUTO

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
Dual Mode CDMA/AMPS Baseband Interface
logo
ABB
PLUTO S46 V2 ABB-PLUTO S46 V2 Datasheet
219Kb / 2P
Pluto S46 v2
More results

Similar Description - PLUTO

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
Sony Corporation
CXA3003R SONY-CXA3003R Datasheet
534Kb / 32P
Baseband analog processing IC for dual-mode CDMA/FM cellular phone
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
CDMA/AMPS Dual Mode IF/ baseband IC
S1M8662A SAMSUNG-S1M8662A Datasheet
175Kb / 22P
CDMA/PCS/GPS Triple Mode IF/ baseband IC
logo
Zarlink Semiconductor I...
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
TDMA/AMPS IF and Baseband Interface
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
logo
Zarlink Semiconductor I...
MGCM01 ZARLINK-MGCM01 Datasheet
397Kb / 18P
TDMA/AMPS Baseband Interface
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
Dual Mode CDMA/AMPS Baseband Interface
logo
Skyworks Solutions Inc.
CX20470 SKYWORKS-CX20470 Datasheet
211Kb / 18P
CDMA Baseband Analog Processor
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com