Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation PLUTO Datasheet HTML 10Page - Mitel Networks Corporation PLUTO Datasheet HTML 11Page - Mitel Networks Corporation PLUTO Datasheet HTML 12Page - Mitel Networks Corporation PLUTO Datasheet HTML 13Page - Mitel Networks Corporation PLUTO Datasheet HTML 14Page - Mitel Networks Corporation PLUTO Datasheet HTML 15Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
PLUTO
ELECTRICAL CHARACTERISTICS (Continued)
T
AMB = -30°C to +70°C, VCC = +2.7 to +3.6V.
These characteristics are guaranteed by either production test or design. They
apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Value
Units
Conditions
Min
Typ
Max
TRANSMIT SYNTHESISER
Input Frequency
65.19
MHz
Lock mode output current current
16
µA
Rset = 40k
Acquisition mode output current
176
µA
Rset = 40k
PD output compliance
0.5
Vdd-0.5
V
RECEIVER SYNTHESISER
Input frequency
42.69
52.595
MHz
Lock mode output current
16
µA
Rset = 40k
Acquisition mode output current
176
V
Rset = 40k
PD output compliance
0.5
Vdd-0.5
V
POWER SUPPLY CURRENTS
Sleep
1
mA
CDMA_IDLE
11
15
mA
FM_ILDE
5
7
mA
CDMA_RTTX
18
32
mA
FM_RXTX
11
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com