Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button PLUTO Datasheet HTML 6Page - Mitel Networks Corporation PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation PLUTO Datasheet HTML 10Page - Mitel Networks Corporation PLUTO Datasheet HTML 11Page - Mitel Networks Corporation PLUTO Datasheet HTML 12Page - Mitel Networks Corporation PLUTO Datasheet HTML 13Page - Mitel Networks Corporation PLUTO Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
PLUTO
ELECTRICAL CHARACTERISTICS
T
AMB = -30°C to +70°C, VCC = +2.7 to +3.6V.
These characteristics are guaranteed by either production test or design. They
apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Value
Units
Conditions
Min
Typ
Max
CDMA TX Interface
Resolution
8
Bits
Integral non-linearity
0.5
LSB
Differential non-linearity
0.5
LSB
Full scale output Voltage
1.6
2.05
2.4
V
Vpp differential
Output common mode Voltage
1.1
1.2
1.3
V
+Ve output Voltage in Power-down mode
Vdd-0.16 Vdd-0.1 Vdd-0.04
V
-Ve output Voltage in Power-down mode
0.04
0.1
0.16
V
I,Q gain mismatch
0.15
dB
I,Q phase imbalance
1
degrees
Differential offset
TBD
mV
PSRR
50
dB
VDD to differential I & Q outputs,
100mV pk-pk at 100kHz
Load resistance
5
k
Ω
Load capacitance
20
pF
Filter type
Butterwoth low pass
Filter order
5th
Filter cut off
See Figure 9
Filter Pass Band ripple
See Figure 9
Filter stop band attenuation
See Figure 9
Sample rate
6
Msample/s
RECOMMENDED OPERATING CONDITIONS
Characteristic
Value
Units
Conditions
Min
Typ
Max
Operating voltage range
2.7
3.6
V
Operating temperature range
-40
+85
°C
Input high voltage, VIH
VDD-0.8
V
Input low voltage, VIL
0.8
V
Master clock amplitude
800
mV pk-pk
AC coupled 19.68MHz sinusoidal
signal
Input current, IIH
0.1
µA
Input capacitance, CIN
5
pF
Output high voltage, VOH
VDD-0.4
V
IOUT = 100
µA
Output low voltage, VOL
0.4
V
IOUT = 100
µA
Tri-state leakage current
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com