Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation PLUTO Datasheet HTML 10Page - Mitel Networks Corporation PLUTO Datasheet HTML 11Page - Mitel Networks Corporation PLUTO Datasheet HTML 12Page - Mitel Networks Corporation PLUTO Datasheet HTML 13Page - Mitel Networks Corporation PLUTO Datasheet HTML 14Page - Mitel Networks Corporation PLUTO Datasheet HTML 15Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
PLUTO
ELECTRICAL CHARACTERISTICS (CDMA BASEBAND RX INTERFACE CIRCUIT) continued
T
AMB = -30°C to +70°C, VCC = +2.7 to +3.6V.
These characteristics are guaranteed by either production test or design. They
apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Value
Units
Conditions
Min
Typ
Max
FM RX Interface
Resolution
8
Bits
Full scale input voltage
1
V pk-pk
Measured differentially
Input dc level
Vdd-1.4
V
Input sample rate
30
50
ks/s
Input resistance (dc)
100
k
Ω
Input capacitance
10
20
pF
Integral non linearity
±1.5
LSB
Differential non linearity
±0.75
LSB
AUXILIARY CONVERTER SECTION
Resolution
8
Bits
ADC full scale range
2.5
V
ADC zero scale range
0.5
V
Integral non linearity
±1.25
LSB
Differential non linearity
±0.75
LSB
Conversion time
20
ks/s
ADCCLK
410
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com