Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUTO Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # PLUTO
Description  Dual Mode CDMA/AMPS Baseband Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PLUTO Datasheet(HTML) 5 Page - Mitel Networks Corporation

  PLUTO Datasheet HTML 1Page - Mitel Networks Corporation PLUTO Datasheet HTML 2Page - Mitel Networks Corporation PLUTO Datasheet HTML 3Page - Mitel Networks Corporation PLUTO Datasheet HTML 4Page - Mitel Networks Corporation PLUTO Datasheet HTML 5Page - Mitel Networks Corporation PLUTO Datasheet HTML 6Page - Mitel Networks Corporation PLUTO Datasheet HTML 7Page - Mitel Networks Corporation PLUTO Datasheet HTML 8Page - Mitel Networks Corporation PLUTO Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
PLUTO
Parameter
Value
Units
Conditions
Min
Typ
Max
t1
TXCLOCK PERIOD (CDMA TX)
203.2
ns
CDMA TX Figure 3
t2
TXCLOCK HIGH TIME (CDMA TX)
101.6
ns
CDMA TX Figure 3
t3
TXCLOCK LOW TIME (CDMA TX)
101.6
ns
CDMA TX Figure 3
t4
TXCLOCK PHASE Delay (CDMA TX)
1.2
ns
CDMA TX Figure 3, FM TX Figure 4
t5
TXCLOCK RISE TIME (CDMA TX)
12
ns
CDMA TX Figure 3, FM TX Figure 4
t6
TXCLOCK FALL TIME (CDMA TX)
12
ns
CDMA TX Figure 3, FM TX Figure 4
t7
TXD-TXCLOCK SETUP TIME
20
ns
CDMA TX Figure 3, FM TX Figure 4
t8
TXCLOCK-TXD HOLD TIME
3
ns
CDMA TX Figure 3, FM TX Figure 4
t11
TXCLOCK PERIOD (FM TX)
2.78
µs
FM TX Figure 4
t12
TXCLOCK HIGH TIME (FM TX)
1.39
µs
FM TX Figure 4
t13
TXCLOCK LOW TIME (FM TX)
1.39
µs
FM TX Figure 4
t14
CHIPx8 PERIOD
101.6
ns
Figure 5
t15
CHIPx8 HIGH TIME
50.8
ns
Figure 5
t16
CHIPx8LOW TIME
50.8
152.4
ns
Figure 5
t17
CHIPx8 RISE TIME
3
12
ns
Figure 5
t18
CHIPx8 FALL TIME
3
12
ns
Figure 5
t19
RXD Hold Time After CHIPx8
↓
10
ns
Figure 5
t20
RXD DELAY After CHIPx8
↓
20
ns
Figure 5
t21
FMCLK PERIOD
2.78
µs
FM RX Figure 6
t22
FMCLK HIGH TIME
1.39
µs
FM RX Figure 6
t23
FMCLK LOW TIME
1.39
µs
FM RX Figure 6
t24
FMCLK RISE TIME
12
ns
FM RX Figure 6
t25
FMCLK FALL TIME
12
ns
FM RX Figure 6
t26
RXFMSTB HIGH TIME
1
µs
FM RX Figure 6
t27
RXFMSTB -FMCLK
↓ SETUP TIME
50
ns
FM RX Figure 6
t28
FMCLK
↓ − RXFMSTB HOLD TIME
50
ns
FM RX Figure 6
t29
FMCLK
↓ − OUTPUT DATA DELAY
50
ns
FM RX Figure 6
t30
ADCENA HIGH _ CONVERSION
40
µs
General purpose ADC Figure 7
t31
ADCENA HIGH TIME
100
ns
General purpose ADC Figure 7
t32
ADCENA LOW TIME
100
ns
General purpose ADC Figure 7
t33
ADCCLK PERIOD
2.44
µs
General purpose ADC Figure 7
t34
ADCCLK HIGH TIME
0.81
µs
General purpose ADC Figure 7
t35
ADCCLK LOW TIME
1.62
µs
General purpose ADC Figure 7
t36
ADCCLK RISE TIME
12
ns
General purpose ADC Figure 7
t37
ADCCLK FALL TIME
12
ns
General purpose ADC Figure 7
t38
ADCDATA VALID BEFORE ADCCLK
↑
1
µs
General purpose ADC Figure 7
t39
ADC DATA HOLD TIME
5
ns
General purpose ADC Figure 7
t40
SCLK-SDATA setup time
20
ns
Serial Interface Figure 8
t41
SCLK-SDATA hold time
20
ns
Serial Interface Figure 8
t42
SCLK pulse width
50
ns
Serial Interface Figure 8
t43
SLATCH-SCLK setup time
20
ns
Serial Interfsce Figure 8
t44
SLATCH pulse width
50
ns
Serial Interface Figure 8
t45
SCLK period
100
ns
Serial Interface Figure 8
TIMING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com