Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89340 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 4Page - Zilog, Inc. Z89340 Datasheet HTML 5Page - Zilog, Inc. Z89340 Datasheet HTML 6Page - Zilog, Inc. Z89340 Datasheet HTML 7Page - Zilog, Inc. Z89340 Datasheet HTML 8Page - Zilog, Inc. Z89340 Datasheet HTML 9Page - Zilog, Inc. Z89340 Datasheet HTML 10Page - Zilog, Inc. Z89340 Datasheet HTML 11Page - Zilog, Inc. Z89340 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Z89340
Digital Wavetable Engine
1-8
P R E L I M I N A R Y
DS96DSP0201
AC CHARACTERISTICS
DMA Write/Playback Timing
Figure 3. DMA Write Timing Diagram
No.
Description
Min
Max
Units
1
DRQ Low from /DACK Low
130
-
ns
2
/DACK High to DRQ High
30
-
ns
3
Write Enable Width
100
-
ns
4
/DACK Hold from End of /IOW
0
-
ns
5
Data Setup to End of Write Enable
50
-
ns
6
Data Hold Time from End of /IOW
40
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com