| Electronic Components Datasheet Search |
|
Z89340 Datasheet(PDF) 23 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z89340 Datasheet(HTML) 23 Page - Zilog, Inc. |
|
23 / 30 page ![]() Z89340 Digital Wavetable Engine DS96DSP0201 P R E L I M I N A R Y 1-23 1 Wave Endpoint Lo/ AWS/Interleave Size address 8 ATFP Flags bits 0 and 1 These bits are active for the selected envelope types in Frequency Lo. The bits have a separate meaning for Tremolo from the other types. Amplitude/Filter/Pan envelope flag bits: 00-Off 01-Wait 10-In process 11-Done Tremolo envelope flag bits: bit 0-Enable bit 1-Polarity Interleave Size bits 2-3 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. Interleave is the distance between wavetables. Normally Interleave Size will equal Table Size so that the wavetable will be contigu- ous. For compatibility with existing sound libraries, other interleaves are available. 00-64 Samples 01-128 Samples 10-256 Samples 11-512 Samples AWS bit 4 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. We Change the Wave Endpoint when we want to move to the next wavet- able. How the sound moves from the current wavetable to the next is controlled by AWS (Automatic Wave Select). When AWS is 0, the sound loops on the current wavetable as long as Wave Endpoint equals Wave Pointer. When Wave Endpoint is changed, the Z89340 jumps to the wavetable pointed to by Wave Endpoint as soon as it plays the last sample of the current wavetable pointed to by Wave Pointer. Wave Pointer is then set equal to Wave Endpoint. When AWS is 1, all samples in the wavetables between Wave Pointer and Wave Endpoint are also played. The Z89340 the loops on the wavetable pointed to by Wave Endpoint. ROM5-ROM7 bits 5-7 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. The wavetable can be played at any desired frequency. ROM2-ROM7 bits 2-7 (Sample Loop Oscillator only) For sample loop systems, Wave Endpoint is the last sam- ple in the sample sequence. When this last sample is played, the Z89340 subtracts Wave Loop Length from the Wave Pointer. Note that since only six bits are available for Wave Endpoint Lo, the sample sequence can only end on every fourth address. Wave Loop Length does not have this restriction. Wave Endpoint Hi address 9 ROM8-ROM15 bits 0-7 (Refer to Wave Endpoint Lo.) Wave Loop Length Lo address A Table Size bits 0 and 1 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. Table Size is the size of the wavetable. Interleave is the distance between wavetables. Normally Interleave Size will equal Table Size so that the wavetable will be contiguous. For compatibility with existing sound libraries, other interleaves are avail- able. 00-64 Samples 01-128 Samples 10-256 Samples 11-512 Samples ROM2-ROM7 bits 2-7 (Wavetable Mode Oscillator only) For Wavetable Mode Oscillators, this should be 0. ROM0-ROM7 bits 0-7 (Sample Loop Oscillator only) A sample sequence is played by setting Wave Pointer to the first sample in the sequence and Wave Endpoint to the last sample in the sequence. For many sounds, we then repeat or loop the last portion of the sequence. Wave Loop Length is the length of the loop. Wave Loop Length Hi address B ROM8-ROM15 bits 0-7 (Refer to Wave Loop Length Lo.) For Wavetable Mode Oscillators, this should be 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |