Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89340 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 3Page - Zilog, Inc. Z89340 Datasheet HTML 4Page - Zilog, Inc. Z89340 Datasheet HTML 5Page - Zilog, Inc. Z89340 Datasheet HTML 6Page - Zilog, Inc. Z89340 Datasheet HTML 7Page - Zilog, Inc. Z89340 Datasheet HTML 8Page - Zilog, Inc. Z89340 Datasheet HTML 9Page - Zilog, Inc. Z89340 Datasheet HTML 10Page - Zilog, Inc. Z89340 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Z89340
Digital Wavetable Engine
DS96DSP0201
P R E L I M I N A R Y
1-7
1
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for an extended period
may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
DC CHARACTERISTICS
V
CC = 4.5 V to 5.5V @ 0°C to +70°C
Sym
Description
Min
Max
Units
V
CC
Supply Voltage
–0.5
+6.5
V
T
STG
Storage Temp
–65
+150
°C
Voltage on any Pin
–0.5
V
CC
V
I
OL
Maximum Output Leakage
mA
per I/O Pin
T
A
Oper Ambient Temp.
0
70
°C
Sym
Description
Min
Max
Units
V
CC
Supply Voltage
4.75
+5.25
V
T
A
Oper Ambient Temp
0
70
°C
Sym
Parameter
Min
Typ.
Max
Unit
V
IL
Low-Level Input Voltage
–0.5
0.8
V
V
IH
High-Level Input Voltage
2.0
V
CC
V
V
OL
Low-Level Output Voltage
0.4
V
V
OH
High-Level Output Voltage
2.4
V
I
CC
Power Supply Current (crystal freq. = 50 MHz)
25
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com