Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89340 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 9Page - Zilog, Inc. Z89340 Datasheet HTML 10Page - Zilog, Inc. Z89340 Datasheet HTML 11Page - Zilog, Inc. Z89340 Datasheet HTML 12Page - Zilog, Inc. Z89340 Datasheet HTML 13Page - Zilog, Inc. Z89340 Datasheet HTML 14Page - Zilog, Inc. Z89340 Datasheet HTML 15Page - Zilog, Inc. Z89340 Datasheet HTML 16Page - Zilog, Inc. Z89340 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Z89340
Digital Wavetable Engine
1-13
P R E L I M I N A R Y
DS96DSP0201
PIN FUNCTIONS (Continued)
ISA_MEMW (I/O). ISA Memory Write.
ISA_SA_0–4 (I/O). ISA Address Bus.
ISA_SD_08–15 (I/O). Data Bus. This data bus is used to
transfer data between PC and the Z89340. The lines map
directly to the PC data bus; the pins should be connected
to the ISA bus address lines of the same name.
MIDI_RX (Input). Receives data from MIDI interface.
MIDI_TX (Output). Sends data to MIDI interface.
MODE_S0–3 (Input). Mode Selection pins that are general
purpose input pins.
DRAM_OE (Output). External DRAM Output Enable. This
signal is an output enable strobe for external DRAM.
DRAM_WE (Output). External DRAM Write Enable. This
signal is a write enable strobe for external DRAM.
RAS (Output). Row Address Strobe Output. This memory
address strobe is used in conjunction with the address
lines ROMADD01–R0MADD23.
RESET. (Input). Device Reset.
ROMADD01–ROMADD23 (Output). Wavetable ROM Ad-
dress Bus. These lines are used to address external sam-
ple memory.
VCC. Power supply that connects to 5V ±5%.
Wave_Data_0E (Output). External Memory Output En-
able. This signal is an output enable strobe for external
sample memory.
Wave_Data_00-15
(I/O).
Waveform
Memory
DRAM/SRAM/ROM Data Bus. These lines are used to
pass sample data between the Z89340 and external sam-
ple memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com