Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89340 Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 22Page - Zilog, Inc. Z89340 Datasheet HTML 23Page - Zilog, Inc. Z89340 Datasheet HTML 24Page - Zilog, Inc. Z89340 Datasheet HTML 25Page - Zilog, Inc. Z89340 Datasheet HTML 26Page - Zilog, Inc. Z89340 Datasheet HTML 27Page - Zilog, Inc. Z89340 Datasheet HTML 28Page - Zilog, Inc. Z89340 Datasheet HTML 29Page - Zilog, Inc. Z89340 Datasheet HTML 30Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Z89340
Digital Wavetable Engine
1-28
P R E L I M I N A R Y
DS96DSP0201
OSCILLATOR PARAMETER BLOCKS (Continued)
Polar Pan Control
address 10
Polar Pan Angle
bits 0-5
There are four main output channels. The spatial location
among them is specified with a modified polar coordi-
nate—a value of 16 is
π/2 radians, 32 is π radians, 48 is
3
π/2 radians, and so on.
Polar Pan Radius
bits 6-7
The radius select is a two-bit number with 2 at the edge of
the circle and 0 near the center of the circle. A radius of 3
is reserved for stereo panning when only two output chan-
nels are needed. When the radius is 3, the following spe-
cial values of Pan Polar Angle are defined:
Filter Tuning Value
address 11
bits 0-7
This byte specifies what the coefficients of the second-or-
der (two-pole, two-zero) digital filter should be in order to
characterize the response. The filter Q can also be adjust-
ed.
Vibrato Control
address 12
Vibrato Rate
bits 0-3
The four bits of Rate are an unsigned exponential number
that give rates ranging from 0.1 to 10 Hz.
Vibrato Depth
bits 4-6
These three bits specify depths ranging from plus and mi-
nus a few cents to about 1 semitone.
Clear Submix
bit 7
Set this bit when this oscillator should clear the submix
register before placing an output value in it.
Vibrato Phase
Accumulator
address 13
The vibrato value is derived from a sinewave represented
by the 8-bit Vibrato Phase Accumulator, and is added to or
subtracted from the frequency. The initial vibrato phase
can be set by writing a value to the 8-bit Vibrato Phase Ac-
cumulator—a value of 64 is
π/2 radians, which would start
the vibrato at maximum positive swing. If you want the vi-
brato to swing flat first, initialize the vibrato phase accumu-
lator to 128 corresponding to
π radians, a zero crossing in
the sinewave just before it swings negative.
Delay 1A
address 14
Delay 1B
address 15
Delay 2A
address 16
Delay 2B
address 17
Each oscillator has its own second-order (two-pole, two-
zero) digital filter. At the initialization of an oscillator, these
two delays should be given values of 0 unless a click is
wanted. If desired, the oscillator audio stream can be ex-
amined or modified by accessing the delay registers.
0-f
stereo pan FRONT channels left to right.
20-2f
stereo pan REAR channels left to right.
3d
instead of sending to the output channels, output
is sent to one of 32 submix registers. The submix
register is chosen with low five bits of the Effects
Send Control. Submix registers can be selected
as inputs by Tape Loop oscillators (an extended
opcode).
3e
mute the oscillator. The oscillator continues to do
everything else except connect to an output
channel.
3f
sends output to all four output channels equally,
effectively at the center of the circle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com