Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89340 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z89340 Datasheet HTML 1Page - Zilog, Inc. Z89340 Datasheet HTML 2Page - Zilog, Inc. Z89340 Datasheet HTML 3Page - Zilog, Inc. Z89340 Datasheet HTML 4Page - Zilog, Inc. Z89340 Datasheet HTML 5Page - Zilog, Inc. Z89340 Datasheet HTML 6Page - Zilog, Inc. Z89340 Datasheet HTML 7Page - Zilog, Inc. Z89340 Datasheet HTML 8Page - Zilog, Inc. Z89340 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DS96DSP0201
P R E L I M I N A R Y
1-1
1
PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
Z89340
1
DIGITAL WAVETABLE ENGINE
FEATURES
s
64 High-Speed Audio Processing Units (APUs) or 128
Half-Speed APUs
s
3-D Sound Capability
s
Downloadable Sample Capability
s
8-Channel, 20-Bit Linear PCM Audio Generator
s
Output Sampling Rates up to 50 kHz
s
Supports 16-, 18-, and 20-Bit Serial DACS – Greater
than 96 Db Dynamic Range
s
Supports 16- and 8-Bit Linear PCM Sampling, ADPCM,
and Wavetable Synthesis, Variable Playback Rates for
ADPCM
s
Internal 24-Bit Audio Accumulators
s
Addresses 16M x 16 Sample ROM Directly (No Paging
Necessary)
s
Jumperless Configurable ISA Bus Interface
s
Sound Blaster and OPL3 Register Compatibility,
MPU401 UART Mode Compatible
s
Built-In 64-Channel Bus-Mastering DMA Controller
s
FM Emulation
GENERAL DESCRIPTION
The Z89340 is a high-performance, programmable wave-
table engine designed for musical instruments, general
MIDI (Musical Instrument Digital Interface) sound modules,
digital mixing consoles with high-quality PC sound cards,
and computer-controlled multimedia applications.
This
device
features
a
24-bit
address
bus
for
addressing16-bit sample-storage ROM and DRAM (DRAM
refresh controller on-board), a 12x16 two’s-complement
scaler, eight 24-bit accumulators with clipping circuitry, a
2x8x16 interpolator to allow a high resolution of phase an-
gles between input samples, CD-quality sampling rates,
and 64 high-speed audio processing units (APUs) that can
be split into two low-speed APUs that operate at half the
sampling rate, allowing up to 128 notes to play simulta-
neously. All APUs are independent and can address any
part of data storage at any time.
The Z89340 can operate at output sampling rates up to 50
kHz, and offers eight channels of 16- to 20-bit serial output
data. The microprocessor interface allows full control of
frequency, amplitude, and sample data input to each oscil-
lator. The Z89340 features eight output registers, and their
contents can be sent to DAC or CODEC. Four of these can
be used for quadraphonic output, and have a panning
mechanism called Polar Pan that supports motion in all
four quadrants.
The other four output registers are used internally as ef-
fects channels, but can still send their data streams to a
DAC, a second Z89340, or other digital signal processor.
The Z89340 also has eight serial input data registers. In
addition, there are 24 stereo submix register pairs for use
in sending output data from one APU to be used as the in-
put to another.
In particular, the Z89340 is well-suited for 8- and 16-bit lin-
ear PCM recording/playback, wave synthesis, Sound
Blaster command set, and ADPCM (IMA/DVI) real-time de-
compression.
Part Number
Speed
Package
Z89340
50 MHz
160-Pin QFP


Similar Part No. - Z89340

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89301 ZILOG-Z89301 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
Digital Television Controller
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89304 ZILOG-Z89304 Datasheet
74Kb / 8P
Digital Television Controller
More results

Similar Description - Z89340

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
Digital Video Encoders/Layering Engine
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
logo
LSI Computer Systems
YMF721 LSI-YMF721 Datasheet
324Kb / 41P
FM Wavetable Synthesizer LSI
logo
Analog Devices
AD6633 AD-AD6633 Datasheet
89Kb / 2P
Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
logo
Cirrus Logic
CS9236 CIRRUS-CS9236 Datasheet
414Kb / 34P
SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
logo
NXP Semiconductors
DLEL-101 PHILIPS-DLEL-101 Datasheet
872Kb / 6P
digital light engine
Rev 02
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
Digital Video Encoders/Layering Engine
logo
Analog Devices
AD6633 AD-AD6633_15 Datasheet
95Kb / 2P
Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
logo
TRINAMIC Motion Control...
TMC4671 TRINAMIC-TMC4671 Datasheet
4Mb / 157P
Encoder Engine: Hall analog/digital, Encoder analog/digital
logo
List of Unclassifed Man...
CS9233 ETC-CS9233 Datasheet
115Kb / 1P
Integrated Wavetable Music Synthesizer
JAN .95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com