Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89340 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z89340 Datasheet HTML 1Page - Zilog, Inc. Z89340 Datasheet HTML 2Page - Zilog, Inc. Z89340 Datasheet HTML 3Page - Zilog, Inc. Z89340 Datasheet HTML 4Page - Zilog, Inc. Z89340 Datasheet HTML 5Page - Zilog, Inc. Z89340 Datasheet HTML 6Page - Zilog, Inc. Z89340 Datasheet HTML 7Page - Zilog, Inc. Z89340 Datasheet HTML 8Page - Zilog, Inc. Z89340 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Z89340
Digital Wavetable Engine
1-4
P R E L I M I N A R Y
DS96DSP0201
PIN IDENTIFICATION (Continued)
Table 1. 160-Pin QFP Pin Identification
Pin #
Symbol
Function
Direction
1
2
3
4
5
6
7
GND
ROMADD11
ROMADD04
ROMADD12
ROMADD03
ROMADD13
ROMADD02
Ground
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
–
Output
Output
Output
Output
Output
Output
8
9
10
11
12
ROMADD14
ROMADD01
ROMADD15
ROMADD00
ROMADD16
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Output
Output
Output
Output
Output
13
14
15
16
17
WAVE_DATA_OE
WAVE_DATA_WRITE
WAVE_DATA_15
WAVE_DATA_00
WAVE_DATA_07
External Memory Output Enable
External Memory Write
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
Output
Output
Input/Output
Input/Output
Input/Output
18
19
20
21
22
23
WAVE_DATA_08
WAVE_DATA_14
WAVE_DATA_01
WAVE_DATA_06
WAVE_DATA_09
WAVE_DATA_13
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
24
25
26
27
28
29
WAVE_DATA_02
WAVE_DATA_05
WAVE_DATA_10
WAVE_DATA_12
WAVE_DATA_03
WAVE_DATA_04
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
External Waveform Mem. Data Bus
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
30
31
32–39
40
41
WAVE_DATA_11
ISA_MASTER16
ISA_SD_15–8
VCC
GND
External Waveform Mem. Data Bus
ISA Master 16-Bit Transfer
ISA Data Bus
Power Supply
GND
Input/Output
Tri-State Input
Input/Output
–
–
42
43
44–50
51
52
53
54
55
ISA_MEMW
ISA_MEMR
ISA_LA 17–23
ISA_BHE
ISA_DRQ_07
ISA_DACK_07
ISA_DRQ_06
ISA_DACK_06
ISA Memory Write
ISA Memory Read
ISA Address Bus
ISA Bus High Byte Enable
ISA DMA Request 07
ISA DMA Acknowledge 07
ISA DMA Request 06
ISA DMA Acknowledge 06
Input/Output
Input/Output
Tri-State Output
Input/Output
Tri-State Output
Input
Tri-State Output
Input
56
57
58
59
ISA_DRQ_05
ISA_DACK_05
ISA_DRQ_00
ISA_DACK_00
ISA DMA Request 05
ISA DMA Acknowledge 05
ISA DMA Request 00
ISA DMA Acknowledge 00
Tri-State Output
Input
Tri-State Outputt
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com