Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89340 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 15Page - Zilog, Inc. Z89340 Datasheet HTML 16Page - Zilog, Inc. Z89340 Datasheet HTML 17Page - Zilog, Inc. Z89340 Datasheet HTML 18Page - Zilog, Inc. Z89340 Datasheet HTML 19Page - Zilog, Inc. Z89340 Datasheet HTML 20Page - Zilog, Inc. Z89340 Datasheet HTML 21Page - Zilog, Inc. Z89340 Datasheet HTML 22Page - Zilog, Inc. Z89340 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Z89340
Digital Wavetable Engine
DS96DSP0201
P R E L I M I N A R Y
1-19
1
Dual Tap-Reader
As part of the reverb algorithm, the Dual Tap-Reader Os-
cillator can pick additional taps in the Tape Loop delay line.
The samples gathered are then scaled, summed, filtered,
and sent to a submix register or one or more output chan-
nels. Note that the filtering takes place after scaling and
summing since there is only one filter in the Dual Tap-
Reader. The taps supplied by the Dual Tap-Reader can be
used to simulate early reflections. The two taps can be up
to 4096 samples apart, which is about 80 ms at a 50 kHz
sampling rate. However, the reverb system is typically run
with Half-Speed Oscillators, making possible 160 ms or
more between taps. As many Dual Tap-Readers as de-
sired can be used with a single Tape Loop Oscillator pro-
viding the input (Figure 13).
Figure 13. The Dual Tap-Reader Oscillator Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com