Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7404 Datasheet HTML 3Page - STMicroelectronics TDA7404 Datasheet HTML 4Page - STMicroelectronics TDA7404 Datasheet HTML 5Page - STMicroelectronics TDA7404 Datasheet HTML 6Page - STMicroelectronics TDA7404 Datasheet HTML 7Page - STMicroelectronics TDA7404 Datasheet HTML 8Page - STMicroelectronics TDA7404 Datasheet HTML 9Page - STMicroelectronics TDA7404 Datasheet HTML 10Page - STMicroelectronics TDA7404 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
TDA7404D
EE
Attenuation Set Error
-2
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.10
5
mV
TZC
Zero Cross Timer
Data bit D1=1 , D2=1
29
37
45
ms
Vth
Zero Cross Threshold
+20
mV
FADER OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.20
2.60
VRMS
RL
Output Load Resistance
2
k
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
100
Ω
VDC
DC Voltage Level
4.3
4.5
4.7
V
SUBWOOFER ATTENUATORS
CRANGE
Control Range
-53
50
-47
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.10
5
mV
GENERAL
eNO
Output Noise
BW = 20Hz - 20kHz
all gains = 0dB single ended
inputs
10
15
µV
S/N
Signal to Noise Ratio
all gains = 0dB
flat; VO = 2VRMS
106
dB
bass, treble at +12dB;
a-weighted; VO = 2.6VRMS
100
dB
d
Distortion
VIN = 1VRMS ; all stages 0dB
internal pass only
0.005
0.1
%
VOUT = 1VRMS ; Bass & Treble =
12dB
0.05
0.1
%
SC
Channel Separation left/right
80
100
dB
ET
Total Tracking Error
AV = 0 to -20dB
-1
0
1
dB
AV = -20 to -60dB
-2
0
2
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com