Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7404 Datasheet HTML 18Page - STMicroelectronics TDA7404 Datasheet HTML 19Page - STMicroelectronics TDA7404 Datasheet HTML 20Page - STMicroelectronics TDA7404 Datasheet HTML 21Page - STMicroelectronics TDA7404 Datasheet HTML 22Page - STMicroelectronics TDA7404 Datasheet HTML 23Page - STMicroelectronics TDA7404 Datasheet HTML 24Page - STMicroelectronics TDA7404 Datasheet HTML 25Page - STMicroelectronics TDA7404 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
TDA7404D
2.5.11 SoftMute and Mixing
2.5.12 Others
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Mute
enable SoftMute
disable SoftMute
0
0
1
1
0
1
0
1
Mute/Zero Cross-Times
0.48ms
0.96ms
30.7ms / 9ms
122.8ms / 37ms
0
1
Mixing-Source
Beep
Phone
0
0
1
1
0
1
0
1
Mixing-Level (Main / Mix-Source)
-12 / -2.5dB
-6 / -6dB
-3.5 / -9.6dB
0 /
∞
0
0
1
1
0
1
0
1
Beep Frequency
781Hz
1.56KHz
Not allow
1.8KHz
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
X
0
1
0
1
1
AC-Coupling
Internal pass
Coupling between Mixing Stage and Volume
Coupling between Bass filter and Speaker attenuator
1
1
Must be "1" for make up
Must be "1" for make up
0
0
1
1
0
1
0
1
Soft Step Time
0.68ms
1.26ms
2.52ms
5.04ms
1
Must be "1" for Auto zero
0
1
Internal Beep
Off
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com