Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7404 Datasheet HTML 12Page - STMicroelectronics TDA7404 Datasheet HTML 13Page - STMicroelectronics TDA7404 Datasheet HTML 14Page - STMicroelectronics TDA7404 Datasheet HTML 15Page - STMicroelectronics TDA7404 Datasheet HTML 16Page - STMicroelectronics TDA7404 Datasheet HTML 17Page - STMicroelectronics TDA7404 Datasheet HTML 18Page - STMicroelectronics TDA7404 Datasheet HTML 19Page - STMicroelectronics TDA7404 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TDA7404D
16/26
The External AC - Coupling is selected in position of four switches controlled by the lower 2bit in the Others
selection. (See table)
Others selection
1.10 Speaker Attenuator
Due to practical aspects the steps in the speaker-attenuators are not linear over the full range. At attenuations
more than 24dB the steps increase from 1.5dB to 10dB (please see data byte specification).
1.11 Subwoofer Attenuator
The Subwoofer output is a single ended stereo output. The attenuator is exactly the same like the other speak-
ers.
2.0 I2C BUS INTERFACE
2.1 Interface Protocol
The interface protocol comprises:
s
a start condition (S)
s
a chip address byte (the LSB bit determines read / write transmission)
s
a subaddress byte
s
a sequence of data (N-bytes + acknowledge)
s
a stop condition (P)
s
the max. CLOCK SPEED is 500kbits/s
S = Start
R/W ="0" -> Receive-Mode (Chip could be programmed by P)
"1" -> Transmission-Mode (Data could be received by P)
ACK = Acknowledge
P = Stop
2.2 TRANSMITTED DATA (send mode)
SM = Soft mute activated
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated without new chipaddress.
D1
D0
Switch position
X
0
SW3 = ON , SW4 = ON (selected internal pass), SW1 = b , SW2 = open
0
1
SW3 = OFF , SW4 = ON, SW1 = a , SW2 = a
1
1
SW3 = ON , SW4 = OFF, SW1 = b , SW2 = b
MSB
LSB
XX
X
X
X
X
X
SM
S
1
0
0
0
1
0
0
R/W
ACK
ACK
ACK
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D99AU1044
I3
I0
SUBADDRESS
DATA 1 to DATA n
I2 I1
A3 A2 A1 A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com