Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7404 Datasheet HTML 1Page - STMicroelectronics TDA7404 Datasheet HTML 2Page - STMicroelectronics TDA7404 Datasheet HTML 3Page - STMicroelectronics TDA7404 Datasheet HTML 4Page - STMicroelectronics TDA7404 Datasheet HTML 5Page - STMicroelectronics TDA7404 Datasheet HTML 6Page - STMicroelectronics TDA7404 Datasheet HTML 7Page - STMicroelectronics TDA7404 Datasheet HTML 8Page - STMicroelectronics TDA7404 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
TDA7404D
FEATURES:
Input Multiplexer
1 pseudo-differential stereo input (selectable single end stereo input)
3 single-end stereo inputs
1 differential mono input
In-Gain 0..14dB, 1dB steps, 14..20dB, 2dB steps
Auto Zero
Beep
internal Beep with 3 frequencies
781Hz/1.56KHz/1.8KHz
Mixing stage
4 step-mixing-stage with mono or beep as mix-signals
Loudness
second order frequenciy response
programmable center frequency
15 x 1dB steps
selectable low & high frequency boost
selectable flat-mode (constant sttenuation)
Volume
1 dB attenuator
100dB range
soft-step control with programmable times
Bass
2nd order frequency response
center frequency programmable in 4 steps
60Hz/80Hz/100Hz/200Hz
Q programmable 1.0/1.25/1.5/2.0
DC gain programmable
+15dB x 1dB steps
Treble
2nd order frequency response
center frequency programmable in 4 steps
10KHz/12.5KHz/15KHz/17.5KHz
+15dB x 1dB steps
Speaker
4 independent speaker controls in 1dB steps
control range 50dB with mute
Zero crossing attenuate
Subwoofer
Stereo output
attenuator range 50dB
Mute Functions
direct mute
digitally controlled Soft Mute with 4 programmable mute-times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com