Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7404 Datasheet HTML 18Page - STMicroelectronics TDA7404 Datasheet HTML 19Page - STMicroelectronics TDA7404 Datasheet HTML 20Page - STMicroelectronics TDA7404 Datasheet HTML 21Page - STMicroelectronics TDA7404 Datasheet HTML 22Page - STMicroelectronics TDA7404 Datasheet HTML 23Page - STMicroelectronics TDA7404 Datasheet HTML 24Page - STMicroelectronics TDA7404 Datasheet HTML 25Page - STMicroelectronics TDA7404 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
TDA7404D
24/26
2.5.13 Testing
Figure 15. TDA7404D Application Circuit
MSB
LSB
Testing
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
0
1
Main-Testmode
off
on
X
X
X
X
X
X
0
1
Test-Multiplexer
internal 200kHz Clock
internal Bandgap Voltage
X
X
X
X
X
X
0
1
Clock
external
internal
1
1
must be "1"
SE1L
SE1R
SE2L
SE2R
SE3L
SE3R
MONO+
MONO -
DiffinL
DiffinGnd
DiffinR
OutLF
OutLR
OutRR
OutRF
SWL
SWR
GND
VDD
MUX
100n
100n
100n
100n
100n
100n
100n
100n
100n
100n
100n
4.7u
4.7u
4.7u
4.7u
4.7u
4.7u
9V
100n
10u
+
SOUND
EFFECTS
TapeL
TapeR
FM_L
FM_R
AM_L
AM_R
Phone
PhoneGnd
CD_L
CDGnd
CD_R
OutLF
OutLR
OutRR
OutRF
SWL
SWR
AJ39
Spectrum
Analyzer
10u
TDA7404D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com