Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7404 Datasheet HTML 1Page - STMicroelectronics TDA7404 Datasheet HTML 2Page - STMicroelectronics TDA7404 Datasheet HTML 3Page - STMicroelectronics TDA7404 Datasheet HTML 4Page - STMicroelectronics TDA7404 Datasheet HTML 5Page - STMicroelectronics TDA7404 Datasheet HTML 6Page - STMicroelectronics TDA7404 Datasheet HTML 7Page - STMicroelectronics TDA7404 Datasheet HTML 8Page - STMicroelectronics TDA7404 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
TDA7404D
MIXING CONTROL
MLEVEL
Mixing Level
Main / Mix-Source
0/00
dB
Main / Mix-Source
-8.5/-
10.6
-3.5/-
9.6
-2.5/-
8.6
dB
Main / Mix-Source
-5/-5
-6/-6
-7/-7
dB
Main / Mix-Source
-11/-
1.5
-12/-
2.5
-13/-
3.5
dB
VOLUME CONTROL
GMAX
Max. Gain
28
30
32
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to +20dB
-1
0
1
dB
G = -80 to -20dB
-4
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
LOUDNESS CONTROL
ASTEP
Step Resolution
-0.5
1
1.5
dB
AMAX
Max. Attenuation
13
15
17
dB
fC
Center Frequency
360
400
440
Hz
720
800
880
Hz
2.3
2.41
2.5
kHz
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.48
1
ms
T2
0.96
2
ms
T3
20
30.7
50
ms
T4
70
123
170
ms
VTH low
Low Threshold for SM-Pin2
1V
VTH high
High Threshold for SM - Pin
2.50
V
RPU
Internal pull-up resistor
70
100
130
k
Ω
VPU
Pull-Up Voltage
5
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com