Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7404 Datasheet HTML 1Page - STMicroelectronics TDA7404 Datasheet HTML 2Page - STMicroelectronics TDA7404 Datasheet HTML 3Page - STMicroelectronics TDA7404 Datasheet HTML 4Page - STMicroelectronics TDA7404 Datasheet HTML 5Page - STMicroelectronics TDA7404 Datasheet HTML 6Page - STMicroelectronics TDA7404 Datasheet HTML 7Page - STMicroelectronics TDA7404 Datasheet HTML 8Page - STMicroelectronics TDA7404 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TDA7404D
2/26
SUPPLY
THERMAL DATA
ABSOLUTE MAXIMUM RATINGS
ESD
All pins are protected against ESD according to the MIL883 standard.
PIN CONNECTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
7.5
9
10.5
V
Is
Supply Current
Vs = 9V
20
mA
SVRR
Ripple Rejection @ 1KHz
Audioprocessor(all Filters flat)
60
dB
Symbol
Parameter
Value
Unit
RTh j-pins Thermal Resistance Junction-pins max
85
°C/W
Symbol
Parameter
Value
Unit
Vs
Operating Supply Voltage
10.8
V
Tamb
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
18
17
16
15
24
23
22
21
20
28
27
26
25
SE1L
SE1R
Mono+
Mono-
ACOUTR
ACOUTL
ACINR
ACINL
DiffinR
Difffgnd
DiffinL
SE2L
SE2R
CREF
GND
MUTE
SWR
SWL
OUTRF
OUTRR
OUTLR
OUTLF
VDD
SCL
SDA
MUX
SE3L
SE3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com