Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7404
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7404 Datasheet HTML 16Page - STMicroelectronics TDA7404 Datasheet HTML 17Page - STMicroelectronics TDA7404 Datasheet HTML 18Page - STMicroelectronics TDA7404 Datasheet HTML 19Page - STMicroelectronics TDA7404 Datasheet HTML 20Page - STMicroelectronics TDA7404 Datasheet HTML 21Page - STMicroelectronics TDA7404 Datasheet HTML 22Page - STMicroelectronics TDA7404 Datasheet HTML 23Page - STMicroelectronics TDA7404 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TDA7404D
20/26
2.5.5 Bass Programming
Note 3: For more information please refer to section Bass description
2.5.6 Speaker Attenuator Left Front
MSB
LSB
BASS & TREBLE PROGRAMMING
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Bass Steps
15dB
14dB
13dB
12dB
11dB
10dB
9dB
8dB
7dB
6dB
5dB
4dB
3dB
2dB
1dB
0dB
0
1
Mode
Cut
Boost
0
0
1
1
0
1
0
1
Quality Factor
1
1.25
1.5
2
0
1
DC - Mode
Off
On
MSB
LSB
ATTENUATION / BASS CF
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
0
0
0
0
0
0
0
1
0
0
:
1
1
1
1
1
1
1
1
1
X
0
0
:
0
1
1
1
1
1
1
1
1
X
0
0
:
1
0
0
0
0
1
1
1
1
X
0
0
:
1
0
0
1
1
0
0
1
1
X
0
1
:
1
0
1
0
1
0
1
0
1
X
Attenuation
0 dB
-1 dB
:
-23 dB
-24.5dB
-26
dB
-28 dB
-30
dB
-32
dB
-35
dB
-40
dB
-50
dB
Speaker Mute
0
0
1
1
0
1
0
1
Bass Center-Frequency
60Hz
80Hz
100Hz
200Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com