Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 59 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 55Page - STMicroelectronics LIS2DS12TR Datasheet HTML 56Page - STMicroelectronics LIS2DS12TR Datasheet HTML 57Page - STMicroelectronics LIS2DS12TR Datasheet HTML 58Page - STMicroelectronics LIS2DS12TR Datasheet HTML 59Page - STMicroelectronics LIS2DS12TR Datasheet HTML 60Page - STMicroelectronics LIS2DS12TR Datasheet HTML 61Page - STMicroelectronics LIS2DS12TR Datasheet HTML 62Page - STMicroelectronics LIS2DS12TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
DocID027753 Rev 4
59/68
LIS2DS12
Register description
68
8.40
FUNC_CTRL (3Fh)
Functional control register (r/w)
Table 99. FUNC_CTRL register
Table 100. FUNC_CTRL register description
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
MODULE_
ON
TILT_ON
TUD_EN
MASTER_
ON
SIGN_
MOT_ON
STEP_
CNT_ON
MODULE_ON
Module processing enable. Default value: 0
(0: disabled; 1: module)
TILT_ON
Tilt on. Default value: 0
(0: new module data not available; 1: new module data available)
TUD_EN
Internal pull-up on auxiliary I2C line. Default value: 0
(0: disabled; 1: internal pull-up on auxiliary I2C line enabled)
MASTER_ON(1)
1. In order to work correctly, the accelerometer has to be on.
Sensor hub I2C master enable.
(0: master I2C of sensor hub disabled; 1: master I2C of sensor hub enabled)
SIGN_MOT_ON Pedometer significant motion routine enable. Default value: 0
(0: disabled, 1: pedometer significant motion routine enabled)
STEP_CNT_ON Step counter routine enable. Default value: 0
(0: disabled, 1: pedometer step counter routine enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com