Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 50 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 46Page - STMicroelectronics LIS2DS12TR Datasheet HTML 47Page - STMicroelectronics LIS2DS12TR Datasheet HTML 48Page - STMicroelectronics LIS2DS12TR Datasheet HTML 49Page - STMicroelectronics LIS2DS12TR Datasheet HTML 50Page - STMicroelectronics LIS2DS12TR Datasheet HTML 51Page - STMicroelectronics LIS2DS12TR Datasheet HTML 52Page - STMicroelectronics LIS2DS12TR Datasheet HTML 53Page - STMicroelectronics LIS2DS12TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
Register description
LIS2DS12
50/68
DocID027753 Rev 4
8.21
OUT_Z_L (2Ch)
Z-axis LSB output register (r)
The 8 least significant bits of linear acceleration sensor Z-axis output. Together with the
OUT_Z_H (2Dh) register it forms the output value expressed as a 16-bit word in 2's
complement.
8.22
OUT_Z_H (2Dh)
Z-axis MSB output register (r)
The 8 most significant bits of linear acceleration sensor Z-axis output. Together with the
OUT_Z_L (2Ch) register it forms the output value expressed as a 16-bit word in 2's
complement.
8.23
FIFO_THS (2Eh)
FIFO threshold level setting (r/w).
Table 64. FIFO_THS register
8.24
FIFO_SRC (2Fh)
FIFO_SRC register (r)
Table 65. FIFO_SRC register
Table 66. FIFO_SRC register description
Table 62. OUT_Z_L register default values
Z_L7
Z_L6
Z_L5(2)
Z_L4(2)
Z_L3(1)(2)
Z_L2(1)(2)
1. If HF mode is enabled, this bit is set to 0.
2. If LP mode is enabled, this bit is set to 0.
00
Table 63. OUT_Z_H register default values
Z_H7
Z_H6
Z_H5
Z_H4
Z_H3
Z_H2
Z_H1
Z_H0
FTH7
FTH6
FTH5
FTH4
FTH3
FTH2
FTH1
FTH0
FTH
FIFO OVR
DIFF8
00000
FTH
FIFO threshold status.
(0: FIFO filling is lower than FTH level;
1: FIFO filling is equal to or higher than threshold level)
OVR
FIFO overrun status. (0: FIFO is not completely filled; 1: FIFO is completely filled and at
least one sample has been overwritten)
DIFF8 Concatenated with FIFO_SAMPLES (30h) register, it represents the number of unread
samples stored in FIFO. (000000000 = FIFO empty; 100000000 = FIFO full, 256 unread
samples).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com