Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 14Page - STMicroelectronics LIS2DS12TR Datasheet HTML 15Page - STMicroelectronics LIS2DS12TR Datasheet HTML 16Page - STMicroelectronics LIS2DS12TR Datasheet HTML 17Page - STMicroelectronics LIS2DS12TR Datasheet HTML 18Page - STMicroelectronics LIS2DS12TR Datasheet HTML 19Page - STMicroelectronics LIS2DS12TR Datasheet HTML 20Page - STMicroelectronics LIS2DS12TR Datasheet HTML 21Page - STMicroelectronics LIS2DS12TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Mechanical and electrical specifications
LIS2DS12
18/68
DocID027753 Rev 4
2.6
Terminology
2.6.1
Zero-g offset
Zero-g offset describes the deviation of an actual output signal from the ideal output signal if
no acceleration is present. A sensor in a steady state on a horizontal surface will measure 0
g on the X-axis and 0 g on the Y-axis whereas the Z-axis will measure 1 g. The output is
ideally in the middle of the dynamic range of the sensor (content of OUT registers 00h, data
expressed as two’s complement number). A deviation from ideal value in this case is called
Zero-g offset. Offset is to some extent a result of stress to the MEMS sensor and therefore
the offset can slightly change after mounting the sensor onto a printed circuit board or
exposing it to extensive mechanical stress. Offset changes little over temperature, see
“Zero-g offset change vs. temperature”.
2.6.2
Sensitivity
Sensitivity describes the gain of the sensor and can be determined by applying 1 g
acceleration to it. As the sensor can measure DC accelerations this can be done easily by
pointing the axis of interest towards the center of the Earth, noting the output value, rotating
the sensor by 180 degrees (pointing to the sky) and noting the output value again. By doing
so, ±1 g acceleration is applied to the sensor. Subtracting the larger output value from the
smaller one, and dividing the result by 2, leads to the actual sensitivity of the sensor. This
value changes very little over temperature and time. The sensitivity tolerance describes the
range of sensitivities of a large population of sensors.
2.6.3
Self-test
The self-test allows checking the sensor functionality without moving it. The self-test
function is off when the self-test bits (ST) are programmed to ‘00’. When the self-test bits are
changed, an actuation force is applied to the sensor, simulating a definite input acceleration.
In this case the sensor outputs will exhibit a change in their DC levels which are related to
the selected full scale through the device sensitivity. When the self-test is activated, the
device output level is given by the algebraic sum of the signals produced by the acceleration
acting on the sensor and by the electrostatic test-force. If the output signals change within
the amplitude specified in Table 3, then the sensor is working properly and the parameters
of the interface chip are within the defined specifications.
2.7
Sensing element
A proprietary process is used to create a surface micromachined accelerometer. The
technology allows processing suspended silicon structures which are attached to the
substrate in a few points called anchors and are free to move in the direction of the sensed
acceleration. In order to be compatible with the traditional packaging techniques, a cap is
placed on top of the sensing element to avoid blocking the moving parts during the molding
phase of the plastic encapsulation. When an acceleration is applied to the sensor the proof
mass displaces from its nominal position, causing an imbalance in the capacitive half-
bridge. This imbalance is measured using charge integration in response to a voltage pulse
applied to the capacitor.
At steady-state the nominal value of the capacitors are a few pF and when an acceleration
is applied, the maximum variation of the capacitive load is in the fF range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com