Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 59Page - STMicroelectronics LIS2DS12TR Datasheet HTML 60Page - STMicroelectronics LIS2DS12TR Datasheet HTML 61Page - STMicroelectronics LIS2DS12TR Datasheet HTML 62Page - STMicroelectronics LIS2DS12TR Datasheet HTML 63Page - STMicroelectronics LIS2DS12TR Datasheet HTML 64Page - STMicroelectronics LIS2DS12TR Datasheet HTML 65Page - STMicroelectronics LIS2DS12TR Datasheet HTML 66Page - STMicroelectronics LIS2DS12TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
DocID027753 Rev 4
63/68
LIS2DS12
Advanced configuration registers description
68
10.7
STEP_COUNT_DELTA (3Ah)
Step counter configuration register (r/w).
Table 114. STEP_COUNT_DELTA configuration register
Table 115. STEP_COUNT_DELTA configuration register description
10.8
CTRL2 (3Fh)
Functional control register (r/w)
Table 116. CTRL2 configuration register
Table 117. CTRL2 configuration register description
STEP_
COUNT_
D7
STEP_
COUNT_
D6
STEP_
COUNT_
D5
STEP_
COUNT_
D4
STEP_
COUNT_
D3
STEP_
COUNT_
D2
STEP_
COUNT_
D1
STEP_
COUNT_
D0
STEP_COUNT_D[7:0] Period of time to detect at least one step to generate step recognition.
Default value: 0
1 LSB = 1.6384 s
BOOT(1)
1. Read-only bits. These bits are copied from CTRL2 (21h).
SOFT_
RESET(1)
0(2)
2. This bit must be set to '0' for the correct operation of the device.
FUNC_
CFG_EN(3)
3. To disable the advanced configuration, bit FUNC_CFG_EN in CTRL2 (3Fh) must be set to '0'.
FDS_
SLOPE(1)
IF_ADD_
INC(1)
I2C_
DISABLE(1)
SIM(1)
BOOT
Forces the reboot of the flash content in the trimming and configuration
registers. READ ONLY.
SOFT_RESET
Soft reset acts as a reset for all control registers, then goes to 0. READ ONLY.
FUNC_CFG_EN
Default value: 1
(0: disable pedometer/sensor hub advanced functionalities;
1: enable pedometer/sensor hub advanced functionalities)
FDS_SLOPE
High-pass filter data selection on output register and FIFO. READ ONLY.
IF_ADD_INC
Register address automatically incremented during multiple byte access with
a serial interface (I2C or SPI). READ ONLY.
I2C_DISABLE
Disable I2C communication protocol. READ ONLY.
SIM
SPI serial interface mode selection. READ ONLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com