Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 38Page - STMicroelectronics LIS2DS12TR Datasheet HTML 39Page - STMicroelectronics LIS2DS12TR Datasheet HTML 40Page - STMicroelectronics LIS2DS12TR Datasheet HTML 41Page - STMicroelectronics LIS2DS12TR Datasheet HTML 42Page - STMicroelectronics LIS2DS12TR Datasheet HTML 43Page - STMicroelectronics LIS2DS12TR Datasheet HTML 44Page - STMicroelectronics LIS2DS12TR Datasheet HTML 45Page - STMicroelectronics LIS2DS12TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Register description
LIS2DS12
42/68
DocID027753 Rev 4
8.5
SENSORHUB5_REG (0Ah)
Fifth byte associated to external sensor.
Table 32. SENSORHUB5_REG register description
8.6
SENSORHUB6_REG (0Bh)
Sixth byte associated to external sensor.
Table 34. SENSORHUB6_REG register description
8.7
Module_8bit (0Ch)
Module out value (r). This register is a read-only register.
Table 36. Module_8bit register description
8.8
WHO_AM_I (0Fh)
Who_AM_I register (r). This register is a read-only register. Its value is fixed at 43h.
8.9
CTRL1 (20h)
Control register 1 (r/w)
Table 38. Control register 1
Table 31. SENSORHUB5_REG register
SHub5_7
SHub5_6
SHub5_5
SHub5_4
SHub5_3
SHub5_2
SHub5_1
SHub5_0
SHub5_[7:0] Fifth byte associated to external sensor
Table 33. SENSORHUB6_REG register
SHub6_7
SHub6_6
SHub6_5
SHub6_4
SHub6_3
SHub6_2
SHub6_1
SHub6_0
SHub6_[7:0] Sixth byte associated to external sensor
Table 35. Module_8bit register
Module_7
Module_6
Module_5
Module_4
Module_3
Module_2
Module_1
Module_0
Module [7:0] Module output value (8-bit). Default value: 0
Table 37. WHO_AM_I register default values
01000011
ODR3
ODR2
ODR1
ODR0
FS1
FS0
HF_ODR
BDU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com