Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 30Page - STMicroelectronics LIS2DS12TR Datasheet HTML 31Page - STMicroelectronics LIS2DS12TR Datasheet HTML 32Page - STMicroelectronics LIS2DS12TR Datasheet HTML 33Page - STMicroelectronics LIS2DS12TR Datasheet HTML 34Page - STMicroelectronics LIS2DS12TR Datasheet HTML 35Page - STMicroelectronics LIS2DS12TR Datasheet HTML 36Page - STMicroelectronics LIS2DS12TR Datasheet HTML 37Page - STMicroelectronics LIS2DS12TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Digital interfaces
LIS2DS12
34/68
DocID027753 Rev 4
6.1.1
I2C operation
The transaction on the bus is started through a START (ST) signal. A START condition is
defined as a high-to-low transition on the data line while the SCL line is held high. After this
has been transmitted by the master, the bus is considered busy. The next byte of data
transmitted after the start condition contains the address of the slave in the first 7 bits and
the eighth bit tells whether the master is receiving data from the slave or transmitting data to
the slave. When an address is sent, each device in the system compares the first seven bits
after a start condition with its address. If they match, the device considers itself addressed
by the master.
The Slave Address (SAD) associated to the LIS2DS12 is 00111xxb where the xx bits are
modified by the SA0/SDO pin in order to modify the device address. If the SA0/SDO pin is
connected to the supply voltage, the address is 0011101b, otherwise if the SA0/SDO pin is
connected to ground, the address is 0011110b. This solution permits to connect and
address two different accelerometers to the same I2C lines.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line low so that it
remains stable low during the high period of the acknowledge clock pulse. A receiver which
has been addressed is obliged to generate an acknowledge after each byte of data
received.
The I2C embedded inside the LIS2DS12 behaves like a slave device and the following
protocol must be adhered to. After the start condition (ST) a slave address is sent. Once a
slave acknowledge (SAK) has been returned, an 8-bit sub-address (SUB) is transmitted: the
7 LSb represents the actual register address while the CTRL2 (21h) (IF_ADD_INC) bit
defines the address increment.
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (Read), a repeated
START (SR) condition must be issued after the two sub-address bytes. If the bit is ‘0’ (Write)
the master will transmit to the slave with direction unchanged. Table 17 explains how the
SAD+Read/Write bit pattern is composed, listing all the possible configurations.
Table 17. SAD+Read/Write patterns
Command
SAD[6:2]
SAD[1] = SA0
SAD[0] = SA0
R/W
SAD+R/W
Read
00111
1
0
1
00111101
Write
00111
1
0
0
00111100
Read
00111
0
1
1
00111011
Write
00111
0
1
0
00111010
Table 18. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com