Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 48 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 44Page - STMicroelectronics LIS2DS12TR Datasheet HTML 45Page - STMicroelectronics LIS2DS12TR Datasheet HTML 46Page - STMicroelectronics LIS2DS12TR Datasheet HTML 47Page - STMicroelectronics LIS2DS12TR Datasheet HTML 48Page - STMicroelectronics LIS2DS12TR Datasheet HTML 49Page - STMicroelectronics LIS2DS12TR Datasheet HTML 50Page - STMicroelectronics LIS2DS12TR Datasheet HTML 51Page - STMicroelectronics LIS2DS12TR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Register description
LIS2DS12
48/68
DocID027753 Rev 4
8.15
OUT_T (26h)
Temperature output register (r).
8.16
STATUS (27h)
Status register (r)
Table 56. Status register
Table 54. OUT_T register
TEMP7
TEMP6
TEMP5
TEMP4
TEMP3
TEMP2
TEMP1
TEMP0
Table 55. OUT_T register description
Temp [7:0]
Temperature sensor output data.
The value is expressed as two’s complement sign. Sensitivity = 1 °C/LSB
0 LSB represents T=25 °C ambient.
FIFO_THS
WU_IA
SLEEP_
STATE
DOUBLE_
TAP
SINGLE_
TAP
6D_IA
FF_IA
DRDY
Table 57. Status register description
FIFO_THS
FIFO threshold status flag.
(0: FIFO filling is lower than threshold level; 1: FIFO filling is equal to or higher than the
threshold level.)
WU_IA
Wakeup event detection status.
(0: WU event not detected; 1: Wakeup event detected)
SLEEP_
STATE
Sleep event status.
(0: Sleep event not detected; 1: Sleep event detected)
DOUBLE_
TAP
Double-tap event status
(0: Double-tap event not detected; 1: Double-tap event detected)
SINGLE_
TAP
Single-tap event status
(0: Single-tap event not detected; 1: Single-tap event detected)
6D_IA
Source of change in position portrait/landscape/face-up/face-down.
(0: no event detected; 1: a change in position detected)
FF_IA
Free-fall event detection status.
(0: free-fall event not detected; 1: free-fall event detected)
DRDY
Data-ready status.
(0: not ready; 1: X-, Y- and Z-axis new data available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com