Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 56Page - STMicroelectronics LIS2DS12TR Datasheet HTML 57Page - STMicroelectronics LIS2DS12TR Datasheet HTML 58Page - STMicroelectronics LIS2DS12TR Datasheet HTML 59Page - STMicroelectronics LIS2DS12TR Datasheet HTML 60Page - STMicroelectronics LIS2DS12TR Datasheet HTML 61Page - STMicroelectronics LIS2DS12TR Datasheet HTML 62Page - STMicroelectronics LIS2DS12TR Datasheet HTML 63Page - STMicroelectronics LIS2DS12TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Advanced configuration register mapping
LIS2DS12
60/68
DocID027753 Rev 4
9
Advanced configuration register mapping
The table below provides a list of the registers for the advanced configuration available in
the device and the corresponding addresses.
Advanced configuration registers are accessible when FUNC_CFG_EN is set to '1' in
CTRL2 (21h). Once enabled, access to the advanced configuration registers can be
disabled by setting the FUNC_CFG_EN bit to ‘0’ in CTRL2 (3Fh).
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
Table 101. Register map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
RESERVED
R/W
00-2A
PEDO_DEB_REG
R/W
2B
00101011
01101110
RESERVED
R/W
2C-2F
SLV0_ADD
R/W
30
00110000
00000000
SLV0_SUBADD
R/W
31
00110001
00000000
SLV0_CONFIG
R/W
32
00110010
00000000
DATAWRITE_SLV0
R/W
33
00110011
00000000
SM_THS
R/W
34
00110100
00000110
RESERVED
R/W
35-39
STEP_COUNT_DELTA
R/W
3A
00111010
00000000
RESERVED
R/W
3B-3E
CTRL2
R/W
3F
00111111
00010100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com