Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # V23839-R36-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R36-L55 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button V23839-R36-L55 Datasheet HTML 26Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 27Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 28Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 29Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 30Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 31Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 32Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 33Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
V23839-R3x-L55
Application Notes
Preliminary Product Information
32
2004-06-25
Multimode 850 nm iSFF Transceiver, AC/AC TTL
Figure 8
Example iSFF Host Board Schematic and
Recommended Host Board Supply Filtering Network
PLD / PAL
1) Design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal
data rate. Use of single layer capacitors recommended. Short trace lengths are mandatory.
2) Not implemented.
ASIC IC
Tx Disable
Protocol VCC
Protocol VCC
3.3 V
6
10
9
5
4
3
C
AB
8
D
7
1
VCCT
2
VCCR
3.3 V
0.1 µF
0.1 µF
0.1 µF
0.1 µF
10 µF
SDA
File: 1321
SCL
4.7 to
10 k
Ω
4.7 to
10 k
Ω
Pre-Amp./
Post Amp.
Diagnostic IC / EEPROM
Laser
Driver
1 µH
1 µH
Tx Fault
Protocol IC
SD
Rate Select 2)
Rate Select 2)
Tx Disable
Tx Fault
TD–
TD+
RD+
RD–
VEET
VEER
SD
Infineon
iSFF
Transceiver
Host Board
0.1 µF
0.1 µF
10 µF
0.1 µF
xx 1)
xx 1)
100
Ω
4.7 to
10 k
Ω
4.7 to
10 k
Ω
4.7 to
10 k
Ω
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com