Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # V23839-R36-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R36-L55 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button V23839-R36-L55 Datasheet HTML 26Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 27Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 28Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 29Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 30Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 31Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 32Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 33Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
V23839-R3x-L55
Application Notes
Preliminary Product Information
30
2004-06-25
Alarm and Warning Flags (2-Wire Address A2h)
Byte
Bit
Name
Description
112
7
Temp High Alarm
Set when internal temperature
exceeds high alarm level
112
6
Temp Low Alarm
Set when internal temperature is
below low alarm level
112
5
V
CC High Alarm
Set when internal supply voltage
exceeds high alarm level
112
4
V
CC Low Alarm
Set when internal supply voltage is
below low alarm level
112
3
Tx Bias High Alarm
Set when Tx Bias current exceeds
high alarm level
112
2
Tx Bias Low Alarm
Set when Tx Bias current is below
low alarm level
112
1
Tx Power High Alarm
Set when Tx output power exceeds
high alarm level
112
0
Tx Power Low Alarm
Set when Tx output power is below
low alarm level
113
7
Rx Power High Alarm
Set when received power exceeds
high alarm level
113
6
Rx Power Low Alarm
Set when received power is below
low alarm level
113
5
Reserved Alarm
113
4
Reserved Alarm
113
3
Reserved Alarm
113
2
Reserved Alarm
113
1
Reserved Alarm
113
0
Reserved Alarm
114
All
Reserved
115
All
Reserved
116
7
Temp High Warning
Set when internal temperature
exceeds high warning level
116
6
Temp Low Warning
Set when internal temperature is
below low warning level
116
5
V
CC High Warning
Set when internal supply voltage
exceeds high warning level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com