Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # V23839-R36-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R36-L55 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button V23839-R36-L55 Datasheet HTML 14Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 15Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 16Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 17Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 18Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 19Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 20Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 21Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
V23839-R3x-L55
Eye Safety
Preliminary Product Information
18
2004-06-25
Eye Safety
This laser based multimode transceiver is a Class 1 product. It complies with IEC
60825-1/A2: 2001 and FDA performance standards for laser products (21 CFR 1040.10
and 1040.11) except for deviations pursuant to Laser Notice 50, dated July 26, 2001.
CLASS 1 LASER PRODUCT
To meet laser safety requirements the transceiver shall be operated within the Absolute
Maximum Ratings.
Note: All adjustments have been made at the factory prior to shipment of the devices.
No maintenance or alteration to the device is required.
Tampering with or modifying the performance of the device will result in voided
product warranty.
Failure to adhere to the above restrictions could result in a modification that is
considered an act of “manufacturing”, and will require, under law, recertification of
the modified product with the U.S. Food and Drug Administration (ref. 21 CFR
1040.10 (i)).
Figure 5
Required Labels
Figure 6
Laser Emission
Laser Emission Data
Wavelength
850 nm
Maximum total output power
(as defined by IEC: 7 mm aperture at 14 mm distance)
709 µW / –1.5 dBm
Beam divergence (full angle) / NA (half angle)
20° / 0.18 rad
Class 1 Laser Product
IEC
Complies with 21 CFR
1040.10 and 1040.11
FDA
File: 1401
Tx
Rx
Laser
Emission
Top view
File: 1345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com