Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # V23839-R36-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R36-L55 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button V23839-R36-L55 Datasheet HTML 19Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 20Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 21Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 22Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 23Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 24Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 25Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 26Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
V23839-R3x-L55
Application Notes
Preliminary Product Information
23
2004-06-25
64
00
Transceiver signal
options
96
20
Vendor specific
EEPROM
65
1C
97
20
66
00
BR, maximum
98
20
67
4B
BR, minimum
99
20
68
Vendor serial number
100
20
69
101
20
70
102
20
71
103
20
72
104
20
73
105
20
74
106
20
75
107
20
76
20
108
20
77
20
109
20
78
20
110
20
79
20
111
20
80
20
112
20
81
20
113
20
82
20
114
20
83
20
115
20
84
Vendor manufacturing
date code
116
20
85
117
20
86
118
20
87
119
20
88
120
20
89
121
20
90
20
122
20
91
20
123
20
92
68
Diagnostic monitoring
type
124
20
93
B0
Enhanced options
125
20
94
01
SFF-8472 compliance
126
20
95
Low order 8 bits of the
sum of the contents of
all the bytes from byte
64 to byte 94, inclusive
127
20
128 -
255
00
Vendor specific.
Reserved for future
use
EEPROM Serial ID Memory Contents (A0h), V23839-R35-L55 (cont’d)
Addr.
Hex ASCII
Name/Description
Addr. Hex ASCII
Name/Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com