Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # V23839-R36-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R36-L55 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button V23839-R36-L55 Datasheet HTML 9Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 10Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 11Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 12Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 13Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 14Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 15Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 16Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
V23839-R3x-L55
Technical Data
Preliminary Product Information
13
2004-06-25
Optical Characteristics (
V
CC = 2.97 V to 3.63 V, TC = –20°C to 85°C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Transmitter
Optical Modulation Amplitude
1)
@ 4.25 Gbit/s
@ 2.125 Gbit/s
@ 1.0625 Gbit/s
OMA
247
196
156
µW
Launched Power (Average)
2)
P
O
–8.5
–4
dBm
Extinction Ratio (Dynamic)
3)
ER
9
dB
Center Wavelength
λ
C
830
850
860
nm
Spectral Width (rms)
σ
I
0.85
nm
Relative Intensity Noise
RIN
–118
dB/Hz
Contributed Deterministic Jitter
DJ-C
Tx
28.2
ps
Contributed Total Jitter
TJ-C
Tx
59.8
ps
Jitter (pk-pk)
4)
J
Tx
45
ps
Rise Time
5)
t
R-Tx
90
ps
Fall Time
5)
t
F-Tx
90
ps
Receiver
6)
Min. Optical Modulation
Amplitude
7)
@ 4.25 Gbit/s
@ 2.125 Gbit/s
@ 1.0625 Gbit/s
OMA
61
49
31
µW
Average Received Power
P
R
0dBm
Sensitivity (Average Power)
8)
@ 1.25 Gbit/s
P
IN
–19
dBm
Stressed Receiver Sensitivity
50 µm Fiber
9)
@ 4.25 Gbit/s
@ 2.125 Gbit/s
@ 1.0625 Gbit/s
@ 1.25 Gbit/s
10)
S
PIN
50 µm
138
96
55
–13.5
µW
µW
µW
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com