Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # V23839-R36-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R36-L55 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button V23839-R36-L55 Datasheet HTML 22Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 23Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 24Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 25Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 26Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 27Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 28Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 29Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
V23839-R3x-L55
Application Notes
Preliminary Product Information
26
2004-06-25
Digital Diagnostic Monitoring Interface – Intelligent
Alarm and Warning Thresholds (2-Wire Address A2h)
Address
# Bytes
Name
Description
Value
00 - 01
2
Temp High Alarm
MSB at low address
95°C
1)
1)
A delta exists between actual transceiver temperature and value shown as measurement is taken internal to
an IC located on the top side of the iSFF PCB.
02 - 03
2
Temp Low Alarm
MSB at low address
–20°C
1)
04 - 05
2
Temp High Warning
MSB at low address
90°C
1)
06 - 07
2
Temp Low Warning
MSB at low address
–15°C
1)
08 - 09
2
Voltage High Alarm
MSB at low address
3.7 V
2)
2)
Transceiver voltage measured after input filter with typical 0.1 V voltage drop.
10 - 11
2
Voltage Low Alarm
MSB at low address
2.85 V
2)
12 - 13
2
Voltage High Warning
MSB at low address
3.63 V
2)
14 - 15
2
Voltage Low Warning
MSB at low address
2.97 V
2)
16 - 17
2
Bias High Alarm
MSB at low address
28 mA
18 - 19
2
Bias Low Alarm
MSB at low address
3.1 mA
20 - 21
2
Bias High Warning
MSB at low address
14.8 mA
22 - 23
2
Bias Low Warning
MSB at low address
4.6 mA
24 - 25
2
Tx Power High Alarm
MSB at low address
–3.5 dBm
26 - 27
2
Tx Power Low Alarm
MSB at low address
–8.5 dBm
28 - 29
2
Tx Power High Warning
MSB at low address
–4 dBm
30 - 31
2
Tx Power Low Warning
MSB at low address
–7.5 dBm
32 - 33
2
Rx Power High Alarm
MSB at low address
–4.5 dBm
34 - 35
2
Rx Power Low Alarm
MSB at low address
–16 dBm
36 - 37
2
Rx Power High Warning
MSB at low address
–5 dBm
38 - 39
2
Rx Power Low Warning
MSB at low address
–14 dBm
40 - 55
16
Reserved
Reserved for future
monitored quantities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com