Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # V23839-R36-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R36-L55 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button V23839-R36-L55 Datasheet HTML 8Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 9Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 10Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 11Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 12Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 13Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 14Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 15Page - Infineon Technologies AG V23839-R36-L55 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
V23839-R3x-L55
Technical Data
Preliminary Product Information
12
2004-06-25
8)
Measured using a 20 Hz to 1 MHz sinusoidal modulation with the MSA recommended power supply filter
network (Figure 8) in place. A change in sensitivity of less than 1 dB can be typically expected.
9)
Supply current excluding Rx output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com