Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3591 Datasheet HTML 1Page - Diodes Incorporated AP3591 Datasheet HTML 2Page - Diodes Incorporated AP3591 Datasheet HTML 3Page - Diodes Incorporated AP3591 Datasheet HTML 4Page - Diodes Incorporated AP3591 Datasheet HTML 5Page - Diodes Incorporated AP3591 Datasheet HTML 6Page - Diodes Incorporated AP3591 Datasheet HTML 7Page - Diodes Incorporated AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
5 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VDD, VDDP
Supply Voltage
-0.3 to 6
V
VBS
BOOT Pin Voltage
-0.3 to VPHASE+6
V
VUGATE
Voltage from UGATE to PHASE
-0.3 to 6
V
VLGATE
Voltage from LGATE to GND
-0.3 to 6
V
VPHASE
Voltage from PHASE to GND
-0.3 to 36
V
VPGND
Voltage from PGND to GND
-0.3 to 0.3
V
–
Voltage from Other Pins to GND
-0.3 to 6
V
JA
Thermal Resistance (Junction to Ambient)
60
C/W
TJ
Operating Junction Temperature
+150
C
TSTG
Storage Temperature
-65 to +150
C
TLEAD
Lead Temperature (Soldering, 10Secs)
+260
C
VHBM
ESD (Human Body Model)
2000
V
VMM
ESD (Machine Model)
200
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD, VDDP
Supply Voltage
4.5
5.5
V
VIN
Input Voltage
4.5
26
V
VOUT(MAX)
Maximum Output Voltage
–
5.5
V
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com