Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3591 Datasheet HTML 1Page - Diodes Incorporated AP3591 Datasheet HTML 2Page - Diodes Incorporated AP3591 Datasheet HTML 3Page - Diodes Incorporated AP3591 Datasheet HTML 4Page - Diodes Incorporated AP3591 Datasheet HTML 5Page - Diodes Incorporated AP3591 Datasheet HTML 6Page - Diodes Incorporated AP3591 Datasheet HTML 7Page - Diodes Incorporated AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
2 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Typical Applications Circuit
VDDP
BOOT
UGATE
LGATE
PHASE
VOUT
PGOOD
EN/DEM
FB
13
14
12
9
5
4
GND
7
L
1.0
C4
220
mF
R1
C2
C1
10 mF
TON
Q2
Q1
C3
0.1
mF
R3
PGND
VDD
VDDP
CCM/ DEM
CS
mH
1
2
3
6
8
10
11
1
mF
C
Optional
10
R2
100K
250K
R4
18K
12K
R5
R6
30K
VOUT =1.05V
=12V
VIN
BOM
Symbol
Value
Description
Manufacturer
Part Number
C1
10µF/25V
ESR <
4mΩ @400kHz
Murata
GRM31CR61E106KA12
C4
220µF/6.3V
ESR <
9mΩ @300kHz
Sanyo
6SVPE220M
L
1.0µH
DCR <
4mΩ, IMAX = 24A
Vishay
IHLP5050CEER1R0M01
Q1
N-MOSFET
IDMAX = 30A, RDS(ON) =
Infineon
BSC119N03S
Q2
N-MOSFET
IDMAX = 30A, RDS(ON) =
Infineon
BSC119N03S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com