Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3591 Datasheet HTML 1Page - Diodes Incorporated AP3591 Datasheet HTML 2Page - Diodes Incorporated AP3591 Datasheet HTML 3Page - Diodes Incorporated AP3591 Datasheet HTML 4Page - Diodes Incorporated AP3591 Datasheet HTML 5Page - Diodes Incorporated AP3591 Datasheet HTML 6Page - Diodes Incorporated AP3591 Datasheet HTML 7Page - Diodes Incorporated AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
3 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
EN/DEM
Enable/Diode Emulation Mode control input. Connect to VDD for DEM mode;
connect to GND for shutdown and float the pin for CCM mode
2
TON
On time/Frequency adjustment pin. Connect to PHASE through a resistor. TON
is an input for the PWM controller
3
VOUT
Output voltage pin. Connect to the output of PWM converter. VOUT is an input
for the PWM controller
4
VDD
Analog supply voltage input for the internal analog integrated circuit. Bypass to
GND with a 1µF ceramic capacitor
5
FB
Feedback input pin. Connect FB pin to a resistor voltage divider from VOUT to
GND to adjust VOUT from 0.75V to 3.3V
6
PGOOD
Power good signal open-drain output for PWM converter. This pin will be pulled
high when the output voltage is within the target range
7
GND
Analog Ground
8
PGND
Power Ground
9
LGATE
Low-side N-MOSFET gate driver output for the PWM converter. This pin swings
between PGND and VDDP
10
VDDP
VDDP is the gate driver supply for external MOSFETs. Bypass to GND with a
1µF ceramic capacitor
11
CS
Over current trip point set input. Connect a resistor from this pin to signal ground
to set threshold for both over current limit and negative over current limit
12
PHASE
The UGATE High-side gate driver return. Also serves as anode of over current
comparator
13
UGATE
High-side N-MOSFET floating gate driver output for the PWM converter. This pin
swings between PHASE and BOOT
14
BOOT
Bootstrap pin. A bootstrap capacitor is connected for PWM converter. Connect
to an external ceramic capacitor to PHASE
Exposed Pad
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com