Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3591 Datasheet HTML 6Page - Diodes Incorporated AP3591 Datasheet HTML 7Page - Diodes Incorporated AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated AP3591 Datasheet HTML 10Page - Diodes Incorporated AP3591 Datasheet HTML 11Page - Diodes Incorporated AP3591 Datasheet HTML 12Page - Diodes Incorporated AP3591 Datasheet HTML 13Page - Diodes Incorporated AP3591 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
10 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
OVP
UVP
MODE Transition DEM to CCM
MODE Transition CCM to DEM
Load Transient Response @ CCM
Load Transient Response @ DEM
VOUT
2V/div
VUG
5V/div
VLG
5V/div
VFB
1V/div
Time 200µs/div
VOUT
2V/div
VUG
5V/div
IL
10A/div
Time 20µs/div
VOUT
2V/div
VPHASE
10V/div
VEN
2V/div
Time 4ms/div
VOUT
2V/div
VPHASE
10V/div
VEN
2V/div
Time 4ms/div
VOUT
100mV/div
IL
10A/div
Time 1ms/div
VOUT
100mV/div
IL
10A/div
Time 1ms/div
VLG
10V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com