Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP3591 Datasheet HTML 10Page - Diodes Incorporated AP3591 Datasheet HTML 11Page - Diodes Incorporated AP3591 Datasheet HTML 12Page - Diodes Incorporated AP3591 Datasheet HTML 13Page - Diodes Incorporated AP3591 Datasheet HTML 14Page - Diodes Incorporated AP3591 Datasheet HTML 15Page - Diodes Incorporated AP3591 Datasheet HTML 16Page - Diodes Incorporated AP3591 Datasheet HTML 17Page - Diodes Incorporated AP3591 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
14 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Application Information (Cont.)
The AP3591 provides full-time over voltage protection whenever soft-start completes or not. The typical OVP threshold is 125% of the internal
reference voltage VREF. The AP3591 provides latched OVP and can only be released by VDD or EN/DEM power-on reset. There is 33µs delay
built into the over voltage protection circuit to prevent false transitions.
Figure 4. Over Voltage Protection
12. Thermal Shutdown
If the junction temperature of the device reaches the thermal shutdown limit of +160ºC, the AP3591 shuts itself off. Both UGATE and LGATE are
driven low, turning off both MOSFETs. The output is discharged with the internal 20
Ω transistor. When the junction temperature cools down to the
required level (+140°C nominal), the device initiates soft-start as during a normal power-up cycle.
VOUT
1V/div
VLGATE
5V/div
Time 100µs/div
VUGATE
20V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com