Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3591 Datasheet HTML 4Page - Diodes Incorporated AP3591 Datasheet HTML 5Page - Diodes Incorporated AP3591 Datasheet HTML 6Page - Diodes Incorporated AP3591 Datasheet HTML 7Page - Diodes Incorporated AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated AP3591 Datasheet HTML 10Page - Diodes Incorporated AP3591 Datasheet HTML 11Page - Diodes Incorporated AP3591 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
8 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Performance Characteristics
Efficiency vs. Load Current @VOUT = 1.05V
Efficiency vs. Load Current @VOUT = 2.5V
Efficiency vs. Load Current (CCM vs. DEM)
Frequency vs. RT
Frequency vs. Load Current
Frequency vs. VIN
0
2000
4000
6000
8000
10000
12000
0
20
40
60
80
100
Load Current (mA)
V
IN
= 8V
V
IN
= 12V
V
IN
= 20V
0
2000
4000
6000
8000
10000
12000
0
20
40
60
80
100
Load Current (mA)
V
IN
= 8V
V
IN
= 12V
V
IN
= 20V
0
2000
4000
6000
8000
10000
12000
0
20
40
60
80
100
Load Current (mA)
DEM
CCM
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
700
800
900
1000
1100
R
T
()
V
OUT
= 1.05V
V
OUT
= 2.5V
-2
0
2
4
6
8
10
12
14
16
100
150
200
250
300
350
400
Load Current (A)
V
IN
= 8V
V
IN
= 12V
V
IN
= 20V
5
10
15
20
25
30
100
150
200
250
300
350
400
V
IN
(V)
V
OUT
= 1.05V@0A
V
OUT
= 1.05V@10A
V
OUT
= 2.5V@0A
V
OUT
= 2.5V@10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com