Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3591 Datasheet HTML 1Page - Diodes Incorporated AP3591 Datasheet HTML 2Page - Diodes Incorporated AP3591 Datasheet HTML 3Page - Diodes Incorporated AP3591 Datasheet HTML 4Page - Diodes Incorporated AP3591 Datasheet HTML 5Page - Diodes Incorporated AP3591 Datasheet HTML 6Page - Diodes Incorporated AP3591 Datasheet HTML 7Page - Diodes Incorporated AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
4 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
Functional Block Diagram
Min. tOFF
1-SHOT
Q
S1
Latch
On-time
Compute
1-SHOT
TRIG
GM
VREF
SS
(internal)
125% VREF
70% VREF
Q
S1
Latch
OV
UV
TRIG
Q
90% VREF
SS Timer
Thermal
Shutdown
Diode
Emulation
Q
R
S
DRV
DRV
GM
5
2
3
4
1
7
6
8
9
10
12
13
14
11
10
mA
VOUT
TON
FB
EN/DEM
GND
CS
PGOOD
PGND
LGATE
VDDP
PHASE
UGATE
BOOT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com