Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3591 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3591
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3591 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3591 Datasheet HTML 1Page - Diodes Incorporated AP3591 Datasheet HTML 2Page - Diodes Incorporated AP3591 Datasheet HTML 3Page - Diodes Incorporated AP3591 Datasheet HTML 4Page - Diodes Incorporated AP3591 Datasheet HTML 5Page - Diodes Incorporated AP3591 Datasheet HTML 6Page - Diodes Incorporated AP3591 Datasheet HTML 7Page - Diodes Incorporated AP3591 Datasheet HTML 8Page - Diodes Incorporated AP3591 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP3591
Document number: DS36906 Rev. 1 - 2
1 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AP3591
A Product Line of
Diodes Incorporated
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
Description
The AP3591 is a synchronous adaptive on-time buck controller
providing high efficiency, excellent transient response and high DC
output accuracy for low voltage regulation in notebook application.
The constant-on-time PWM control scheme handles wide input/output
voltage ratios with ease and features small external component count
and fast transient response.
The operation mode is selectable by EN voltage. A Diode Emulation
Mode (DEM) is activated for increasing efficiency at light loads, while
PWM mode is activated only for low noise operation. The AP3591
also
integrates
internal
Soft-start,
UVLO,
OVP,
OTP,
and
programmable OCP to protect the circuit. A Power Good signal is
employed to monitor the output voltage.
The AP3591 is available in U-QFN3535-14 package.
Features
Fixed
Frequency
Constant
On-time
Control;
Resistor
Programmable Frequency Adjustable from 100kHz to 700kHz
Good Stability Independent of the Output Capacitor ESR
Quick Load Step Response
Input Voltage Range: 4.5V to 26V
Output Voltage Range: 0.75V to 5.5V
CCM/DEM Mode Selection
Integrated Bootstrap Diode
Resistor Programmable Current Limit by Low-side RDS_ON
Sense
Integrated Negative Over Current Limit
Integrated OVP/UVP and Over Thermal Shutdown Function
Power Good Indicator
Internal Soft-start
Integrate Output Discharge (Soft-stop)
Safe Start-up into Pre-biased Loads
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
U-QFN3535-14
Applications
Notebook Computer, AIO PC
Low-voltage Distribute Power
I/O Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
VOUT
VDD
FB
PGOOD
LGATE
TON
UGATE
PHASE
CS
VDDP
Pin 1 Mark
EP
1
14
2
3
4
5
6
7
8
9
10
11
12
13


Similar Part No. - AP3591

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
AP3595FNTR-G1 DIODES-AP3595FNTR-G1 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Rev 2
AP3598AFNTR-G1 DIODES-AP3598AFNTR-G1 Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Rev 2
More results

Similar Description - AP3591

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
uPI Group Inc.
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com